Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 289Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 290Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 291Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 292Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 293Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 294Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 295Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 296Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 387 page
background image
3-3
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.1 Electrical characteristics
3.1.2 Recommended operating conditions
Table 3.1.2 Recommended operating conditions (1)
(VCC = 2.7 to 5.5 V, VSS = 0V, Ta = –20 to 85 °C, unless otherwise noted)
5.5
5.5
5.5
5.5
5.5
5.5
VCC
5.5
5.5
5.5
VCC
VCC
0.2VCC
0.3Vcc
0.6
0.2VCC
0.16VCC
0.4
Power source voltage
“H” input voltage
P00–P07, P10–P17, P20–P27,
P30, P31, P34–P37, P40–P47,
P50–P57, P60–P67
“H” input voltage
P32, P33
“H” input voltage
(when I2C-BUS input level is selected)
SDA, SCL
“H” input voltage
(when SMBUS input level is selected)
SDA, SCL
“H” input voltage
____________
RESET, XIN, CNVSS
“H” input voltage
XCIN
“L” input voltage
P00–P07, P10–P17, P20–P27,
P30–P37,P40–P47,
P50–P57, P60–P67
“L” input voltage
(when I2C-BUS input level is selected)
SDA, SCL
“L” input voltage
(when SMBUS input level is selected)
SDA, SCL
“L” input voltage
____________
RESET, CNVSS
“L” input voltage
XIN
“L” input voltage
XCIN
Symbol
Parameter
Limits
Min.
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
Unit
2.7
2.7
4.0
4.5
2.7
4.5
5.0
5.0
5.0
5.0
5.0
5.0
0
Typ.
Max.
f(XIN)
≤ 8.4 MHz
f(XIN)
≤ 12.5 MHz
f(XIN)
≤ 16.8 MHz
f(XIN)
≤ 12.5 MHz
f(XIN)
≤ 16.8 MHz
Power source voltage
(Note 1)
VCC
VSS
VIH
VIH
VIL
VIL
VIL
VIH
When start oscillating (Note 2)
High-speed mode
f(
φ) = f(XIN)/2
Middle-speed mode
f(
φ) = f(XIN)/8
0.8VCC
0.8VCC
0.7VCC
1.4
0.8VCC
2
0
0
0
0
Notes 1: When using A/D converter, see A/D converter recommended operating conditions.
2: The start voltage and the start time for oscillation depend on the using oscillator, oscillation circuit constant value and operating
temperature range, etc.. Particularly a high-frequency oscillator might require some notes in the low voltage operation.
Conditions
VIH
VIL
VIH
VIH
VIL
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com