Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7326D Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7326D
Description  AM-FM RADIO FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7326D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7326D Datasheet HTML 5Page - STMicroelectronics TDA7326D Datasheet HTML 6Page - STMicroelectronics TDA7326D Datasheet HTML 7Page - STMicroelectronics TDA7326D Datasheet HTML 8Page - STMicroelectronics TDA7326D Datasheet HTML 9Page - STMicroelectronics TDA7326D Datasheet HTML 10Page - STMicroelectronics TDA7326D Datasheet HTML 11Page - STMicroelectronics TDA7326D Datasheet HTML 12Page - STMicroelectronics TDA7326D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
3.5 THREE STATE PHASE COMPARATOR
The phase comparator generates a phase error
signal according to phase difference between
fSYN and fREF. This phase error signal drives the
charge pump current generator
3.6 CHARGE PUMP CURRENT GENERATOR
This system generates signed pulses of current.
Duration and polarity of those pulses are deter-
mined by the phase error signal. The absolute
current values are programmable by ’CURR1’
and ’CURR2’ bits and controlled by an external
resistor RISET connected to Pin 2 and GND.
3.7 LOW NOISE CMOS OP-AMP
A low noise Op-Amp is available on chip. The
positive input of this Op-Amp is connected to an
internal voltage divider and to Pin 3 ’VREF’. The
negative input is connected to the charge pump
output. In cooperation with this internal amplifier
and external components, an active filter can be
provided. To increase the flexibility in application
the negative input can be switched to two input
pins (Pins 15 and 16). This switch is controlled by
’LPF’ register with ’LPF’ low Pin 15 is active and
’LPF’ high Pin 16 is active. This feature allows
two separate active filters with different perform-
ance.
3.8 TEST FUNCTION
The test pin (Test Out) is used only for testing: it
has no use in real applications. The three bits
test0, test1, test2, of the test REGISTER must be
programmed as 0,0,0 in application.
Some device internal signals can be checked at
pin 9 (TST OUT) and pin 7 (OSC IN) by program-
ming different codes of the test register according
to the Table 1.
For example by programming the code 110 the
”fsyn out” will be available at pin 9 and ”fREF in-
put” at pin 7.
3.9 C-BUS INTERFACE
This interface allows communication between the
PLL device and
µp systems. A bus control system
check the format of transmission, only eight bit
word transmission is allowed. Four registers with
6 bit are user programmable. The selection of this
four registers is controlled by two address bits.
Test Register
Status
Test Function
test
0
test
1
test
2
PIN9 (TEST/OUT)
PIN 7 (OSCIN)
00
0
Sout (appl. mode) Oscin (appl. mode)
10
0
fref Output
Oscin (appl. mode)
01
0
Phi Output
fref Input
11
0
fsyn Output
fref Input
00
1
Phi input
Oscin (appl. mode)
TABLE 1:
TDA7326
9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com