Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7326D Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7326D
Description  AM-FM RADIO FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7326D Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7326D Datasheet HTML 1Page - STMicroelectronics TDA7326D Datasheet HTML 2Page - STMicroelectronics TDA7326D Datasheet HTML 3Page - STMicroelectronics TDA7326D Datasheet HTML 4Page - STMicroelectronics TDA7326D Datasheet HTML 5Page - STMicroelectronics TDA7326D Datasheet HTML 6Page - STMicroelectronics TDA7326D Datasheet HTML 7Page - STMicroelectronics TDA7326D Datasheet HTML 8Page - STMicroelectronics TDA7326D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TDA7326
AM-FM RADIO FREQUENCY SYNTHESIZER
FM INPUT AND PRECOUNTER FOR UP TO
140MHz
AM INPUT FOR UP TO 40MHz
6-BIT SWALLOW COUNTER, 8-BIT PRO-
GRAMMABLE COUNTER FOR FM AND SW
14-BIT PROGRAMMABLE COUNTER FOR
LW AND MW
THREE WIRES 8-BIT SERIAL INTERFACE
ON-CHIP REFERENCE OSCILLATOR AND
COUNTER
PROGRAMMABLE SCANNING STEPS FOR
AM AND FM
DIGITAL PHASE DETECTOR AND LOOP FIL-
TER
TWO SEPARATE FREE PROGRAMMABLE
FILTER APPLICATIONS AVAILABLE
TUNING VOLTAGE OUTPUT 0.5 TO 9.5V
PROGRAMMABLE CURRENT SOURCES TO
SET THE LOOP GAIN
ON-CHIP POWER ON RESET
STANDBY MODE
DESCRIPTION
The TDA7326 is a PLL frequency synthesizer in
CMOS technology that performs all the function of
a PLL radio tuning system for FM and AM (LW,
MW, SW)
July 1994
BLOCK DIAGRAM
ORDERING NUMBERS: TDA7326 (DIP16)
TDA7326D (SO16W)
SO16W
DIP16
1/16


Similar Part No. - TDA7326D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7300 STMICROELECTRONICS-TDA7300 Datasheet
288Kb / 16P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
May-1991
TDA7300D STMICROELECTRONICS-TDA7300D Datasheet
288Kb / 16P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
May-1991
TDA7303 STMICROELECTRONICS-TDA7303 Datasheet
276Kb / 20P
Digital controlled stereo audio processor with loudness
04-Aug-2006
TDA7303TR STMICROELECTRONICS-TDA7303TR Datasheet
276Kb / 20P
Digital controlled stereo audio processor with loudness
04-Aug-2006
TDA7309 STMICROELECTRONICS-TDA7309 Datasheet
128Kb / 12P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Sep-1997
More results

Similar Description - TDA7326D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
AM/FM RADIO
logo
STMicroelectronics
TDA7427 STMICROELECTRONICS-TDA7427 Datasheet
144Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Nov-1999
TDA7427A STMICROELECTRONICS-TDA7427A Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
logo
Sanyo Semicon Device
LC72130 SANYO-LC72130 Datasheet
306Kb / 22P
AM/FM PLL Frequency Synthesizer
LC72131 SANYO-LC72131 Datasheet
406Kb / 23P
AM/FM PLL Frequency Synthesizer
LC72132 SANYO-LC72132 Datasheet
451Kb / 23P
AM/FM PLL Frequency Synthesizer?
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
FM/AM Radio
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
FM/AM RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com