Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7326D Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7326D
Description  AM-FM RADIO FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7326D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7326D Datasheet HTML 2Page - STMicroelectronics TDA7326D Datasheet HTML 3Page - STMicroelectronics TDA7326D Datasheet HTML 4Page - STMicroelectronics TDA7326D Datasheet HTML 5Page - STMicroelectronics TDA7326D Datasheet HTML 6Page - STMicroelectronics TDA7326D Datasheet HTML 7Page - STMicroelectronics TDA7326D Datasheet HTML 8Page - STMicroelectronics TDA7326D Datasheet HTML 9Page - STMicroelectronics TDA7326D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3.3 DIVIDER FROM VCO FREQUENCY TO
REFERENCE FREQUENCY
This divider provides a low frequency fSYN which
is phase compared with the reference frequency
fREF.
3.4 OPERATING MODE
Four operating modes are available:
- FM mode,
- AM swallow mode,
- AM direct mode,
- Standby mode
They are user programmable with the SWR/DIR
and AM/FM bits in the byte 2.
Standby mode: all functions are stopped. This al-
lows low current consumption without lost of infor-
mation in all register, it is activated by forcing bit 0
(AM/FM) and bit 1 (SWM/DIR) both at zero value.
3.4.1 FM and AM (SW) Operation (Swallow
Mode)
The FM or AM signal is applied to a four
modulus: 32/33/64/65 high speed prescaler,
which is controlled by a 6 bit divider ’A’.This
divider is controlled by the 6 bit SC register.
In parallel the output of the prescaler is con-
nected to a 8 bit divider ’B’. This divider is
controlled by the 8 bit PC register. For FM
mode with 25kHz reference frequency opera-
tion, the divider A is a 5 bit divider. The high
speed prescaler is working in : 32/33 dividing
mode. Bit 6 of the SC register has to be kept
to ”0”.
Dividing range calculation :
For FM mode with 12.5kHz reference fre-
quency and SW swallow mode operation :
fVCO =[ 65
⋅ A1 +(B1 +1 - A1) ⋅ 64 ] . fREF or
Important : For correct operation B
≥ 64 and B
≥ A.
At FM mode with 25kHz reference frequency :
fVCO =[ 33
⋅ A2 +(B2 +1 - A2) ⋅ 32 ] ⋅ fREF
Important: For correct operation B
≥ 32 and B
≥ A.
A and B are variable values of the dividers.
To keep the actual tuning frequency after a
modification of the reference frequency, the
values of the dividers have to be modified in
the following way.
Switching from 25kHz to 12.5kHz reference
frequency : B1 =B2,A1 =A2
⋅ 2
Switching from 12.5kHz to 25kHz reference
frequency:
B2 =B1,A2 =
A1
2
and A2 =
(A1 + 1)
2
for odd values A1.
The AM signal is directly applied to the 14 bit
static divider ’C’. This divider is controlled by
both SC and PC registers.
Dividing range:
PREDIVIDER
R
OSC IN
REGISTER
SC5 .. SC0
COUNTER
A
PREDIVIDER
M/M+1
AM IN
FM IN
REGISTER
PC7 .. PC0
COUNTER
B
PD
fref
fsyn
D94AU101
Figure 2: FM and AM (SW) operation (swallow mode)
MODE SECTION
SWM/DIR
AM/FM
STAND-BY
0
0
FM
1
0
AM SWALLOW
0
1
AM DIRECT
1
1
fVCO = (64
⋅ B1 +A1 + 64) ⋅ fREF
fVCO = (32
⋅ B2 +A2 + 32) ⋅ fREF
fVCO =(C + 1)
⋅ fREF
TDA7326
6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com