Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7326D Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7326D
Description  AM-FM RADIO FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7326D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7326D Datasheet HTML 8Page - STMicroelectronics TDA7326D Datasheet HTML 9Page - STMicroelectronics TDA7326D Datasheet HTML 10Page - STMicroelectronics TDA7326D Datasheet HTML 11Page - STMicroelectronics TDA7326D Datasheet HTML 12Page - STMicroelectronics TDA7326D Datasheet HTML 13Page - STMicroelectronics TDA7326D Datasheet HTML 14Page - STMicroelectronics TDA7326D Datasheet HTML 15Page - STMicroelectronics TDA7326D Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
d) CONDITIONS:
AM DIRECT MODE, (fRF = 530KHz, fREF = 1KHz; IF = 450KHz
it follows: FVCO = 530 + 450 = 980KHz
DIV_VAL =
FVCO
fREF
± 1 =
980
1
± 1 = 979 = 3D3 Hex
=
0
00011
110
100
11
PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 SC5 SC4 SC3 SC2 SC1 SC0
binary
e) CONDITIONS:
AM DIRECT MODE, (fRF = 1710KHz, fREF = 1KHz; IF = 450KHz
it follows: FVCO = 1710 + 450 = 2160KHz
DIV_VAL =
FVCO
fREF
± 1 =
2160
1
± 1 = 2159 = 86F Hex
=
0
01000
0
1
10
11
11
PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 SC5 SC4 SC3 SC2 SC1 SC0
binary
c) CONDITIONS:
FM MODE (fRF = 98.8MHz, fREF = 12.5KHz; IF = 10.7MHz
it follows: FVCO = 98.8 + 10.7 = 109.5MHz
DIV_VAL = 8760 - 64 = 8696 = 21 F8 Hex
=
1
00001
111
110
00
PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 SC5 SC4 SC3 SC2 SC1 SC0
SC = 56
binary
⇒
PC = 135
TDA7326
12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com