Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7326D Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7326D
Description  AM-FM RADIO FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7326D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7326D Datasheet HTML 6Page - STMicroelectronics TDA7326D Datasheet HTML 7Page - STMicroelectronics TDA7326D Datasheet HTML 8Page - STMicroelectronics TDA7326D Datasheet HTML 9Page - STMicroelectronics TDA7326D Datasheet HTML 10Page - STMicroelectronics TDA7326D Datasheet HTML 11Page - STMicroelectronics TDA7326D Datasheet HTML 12Page - STMicroelectronics TDA7326D Datasheet HTML 13Page - STMicroelectronics TDA7326D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
5.0 FREQUENCY PROGRAMMATION
5.1 AM/FM Computation Resume
where:
PC = Program Counter Value (PC7 to PC0)
SC = Swallow Counter Value (SC5 to SC0)
DIV_VAL = Divider Factor
Loading registers for 11 or 12 bits of the programmable counters
1
0
PC5
PC4
PC3
PC2
PC1
PC0
1
1
SC5
(0)*
SC4
SC3
SC2
SC1
SC0
Loading registers for 5 or 6 bits of the programmable counters
11
SC5
(0)*
SC4
SC3
SC2
SC1
SC0
Setting control register for loop filter selection charge pump current bit 1, mode AM/FM selection
01
X
X
LPF2/
LPF1
CURR1 SWM/
DIR
AM
FM
Test mode inizialization (Test0 = Test1 = Test2 = 0)
0
0
TST0 TST1
TST2
SOUT CURR2
fREF
Setting control register for switch output pin 9, charge pump current bit 2, reference frequency select
000
0
0
SOUT CURR2
fREF
(*) This bit has to be ”0” for fREF =”1” (fREF = 25kHz in FM mode or 2.5KHz AM swallow mode)
Loading registers for all bytes of the programmable counters and all control registers
0
1
PC7
PC6
LPF1/
LPF2
CURR1
SWM
DIR
AM
FM
1
0
PC5
PC4
PC3
PC2
PC1
PCO
⇒
®
11
SC5
(0)*
SC4
SC3
SC2
SC1
SC0
0
0
0
0
0
SOUT CURR2
fref
4.0 BIT ORGANIZATION OF THE BUS TRANSFER OPERATION
Loading registers for all bytes of the programmable counters and all control registers
0
1
PC7
PC6
LPF2/
LPF1
CURR1
SWM
DIR
AM
FM
1
0
PC5
PC4
PC3
PC2
PC1
PCO
⇒
®
11
SC5
(0)*
SC4
SC3
SC2
SC1
SC0
fREF = 12.5KHz
FVCO = (64
⋅ PC + SC + 64) ⋅ fREF
FM SWALLOW MODE
FVCO = (DIV_VAL+ 64)
⋅ fREF
swallow 6bit
fREF = 25KHz
FVCO = (32
⋅ PC + SC + 32) ⋅ fREF
FVCO = (DIV_VAL+ 32)
⋅ fREF
swallow 5bit (bit SC5 = 0)
TDA7326
10/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com