Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7326D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7326D
Description  AM-FM RADIO FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7326D Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7326D Datasheet HTML 1Page - STMicroelectronics TDA7326D Datasheet HTML 2Page - STMicroelectronics TDA7326D Datasheet HTML 3Page - STMicroelectronics TDA7326D Datasheet HTML 4Page - STMicroelectronics TDA7326D Datasheet HTML 5Page - STMicroelectronics TDA7326D Datasheet HTML 6Page - STMicroelectronics TDA7326D Datasheet HTML 7Page - STMicroelectronics TDA7326D Datasheet HTML 8Page - STMicroelectronics TDA7326D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2.0 GENERAL DESCRIPTION
This circuit contains a frequency synthesizer and
a loop filter for an FM and AM radio tuning sys-
tem. Only a VCO is required to build a complete
PLL system.
For FM and SW application, the counter works in
a two stages configuration.
The first stage is a swallow counter with a four
modulus (:32/33/64/65) precounter.
The second stage is an 8-bit programmable
counter.
For LW and MW application, a 14-bit programma-
ble counter is available.
The circuit receives the scaling factors for the pro-
grammable counters and the values of the refer-
ence frequencies via a three line serial bus inter-
face.
The reference frequency is generated by a 4MHz
XTAL oscillator followed by the reference divider.
An external oscillator (f = 4MHz) can be used in-
stead of the internal one; it must be connected to
OSCIN (pin 7).
The reference step-frequency is 1 or 2.5kHz for
AM. For FM mode a step frequency of 12.5 and
25kHz can be selected.
The circuit checks the format of the received data
words.
Valid data in the interface shift register are stored
automatically in buffer registers at the end of
transmission.
The output signals of the phase detector are
switching the programmable current sources.
Their currents are integrated in the loop filter to a
DC voltage.The values of the current sources are
programmable by two bits also received via the
serial bus.
The loop filter amplifier is supplied by a separate
positive power supply, to minimize the noise in-
duced by the digital part of the system.
The loop gain can be set for different conditions.
After a power on reset, all registers are reset to
zero and the standby mode is activated.
In standby mode, oscillator, reference counter,
AM input and FM input are stopped. The power
consumption is reduced to a minimum.
3.0 DETAILED DESCRIPTION OF THE PLL
FREQUENCY SYNTHESIZER
3.1 INPUT AMPLIFIERS
The signals applied on AM and FM input are am-
plified to get a logic level in order to drive the fre-
quency dividers.
3.1.1 Input Impedance
The typical input impedance: for the FM input
is 200
Ω and for AM input is 1.4kΩ.
3.1.2 Input sensitivity
(see Figures 1a and 1b).
3.2 DATA AND CONTROL REGISTER
3.2.1 Register Location
The data registers (bit2...bit7) for the control
register and the data registers PC7...PC0,
SC5...SC0 for the counters are organized in
four words, identified by two address bits (bit 7
and bit 6), bit 7 is the first bit to be sent by the
controller, bit0 is the last one. The order and
the number of the bytes to be transmitted is
free of choice. The modification of the
PC7...PC0 registers is valid for the internal
counters only after transmission of byte 4
(SC5...SC0).
ADDRESS BITS
DATA BITS
BYTE
MSB-BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
LSB BIT 0
Function
adr 0
adr 1
data 0
data 1
data 2
data 3
data 4
data 5
byte 1
0
0
test 0
test 1
test 2
SOUT
CURR2
fREF
byte 2
0
1
PC7
PC6
LPF1/2
CURR 1
SWM/DIR
AM/FM
byte 3
1
0
PC5
PC4
PC3
PC2
PC1
PC0
byte 4
1
1
SC5
SC4
SC3
SC2
SC1
SC0
3.2.2 CONTROL AND STATUS REGISTERS
Register Configuration
REGISTER NAME
FUNCTION
SWM/DIR
Swallow direct-mode switch 1 = SWM, 0 = DIR
AM/FM
AM - FM band switch 1=AM, 0 = FM
fREF
Selection of reference frequency (see table 3.4)
CURR1
Current select of change pump
CURR2
Current select of change pump
LPF1/LPF2
Loop filter input select 1= IPF1,0 = IPF2
SOUT
Switch output condition 1=output high, 0 = output low
TDA7326
5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com