Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7403 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7403
Description  BASIC SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7403 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7403 Datasheet HTML 3Page - STMicroelectronics TDA7403 Datasheet HTML 4Page - STMicroelectronics TDA7403 Datasheet HTML 5Page - STMicroelectronics TDA7403 Datasheet HTML 6Page - STMicroelectronics TDA7403 Datasheet HTML 7Page - STMicroelectronics TDA7403 Datasheet HTML 8Page - STMicroelectronics TDA7403 Datasheet HTML 9Page - STMicroelectronics TDA7403 Datasheet HTML 10Page - STMicroelectronics TDA7403 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Input stages
The input circuits are the same as in preceeding
ST audioprocessors with exception of the CD in-
puts (see figure 1).
The typical input impedance is 100k
Ω.
AutoZero
In order to reduce the number of pins there is no
AC coupling between the In-Gain and the follow-
ing stage, so that any offset generated by or be-
fore the In-Gain stage would be transferred or
even amplified to the output.
To avoid that effect a special offset cancellation
stage called AutoZero is implemented.
To avoid audible clicks the audioprocessor is
muted before the loudness stage during this time.
In some cases, for example if the
µP is executing
a refresh cycle of the I
2C bus programming, it is
not useful to start a new AutoZero action because
no new source is selected and an undesired mute
would appear at the outputs. For such applica-
tions the TDA7403 could be switched in the ”Auto
Zero Remain” mode (Bit 6 of the subaddress
byte). If this bit is set to high, the DATABYTE 0
could be loaded without invoking the AutoZero
and the old adjustment value remains.
Mixing Stage
This stage offers the possibility to mix the internal
beep or the phone signal to any other source.
Due to the fact that the mixing stage is also lo-
cated behind the In-Gain stage fine adjustments
of the main source level can be done in this way.
Loudness
There are four parameters programmable in the
loudness stage (see fig. 2, 3, 4):
- Attenuation
- Center Frequency
- Loudness Q
- Flat Mode: in this mode the loudness stage works
as a 0 - 15dB attenuator.
D98AU951
100K
100K
100K
STEREODECODER
IN GAIN
CASSETTE
AM
MPX
Figure 1. Input stages
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K
Figure 2. Loudness Attenuation @ fc = 400Hz
(second order)
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K
Figure 3. Loudness Center frequency @ Attn.
= 15dB (second order)
DESCRIPTION OF THE AUDIOPROCESSOR
TDA7403
7/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com