Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7403 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7403
Description  BASIC SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7403 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7403 Datasheet HTML 1Page - STMicroelectronics TDA7403 Datasheet HTML 2Page - STMicroelectronics TDA7403 Datasheet HTML 3Page - STMicroelectronics TDA7403 Datasheet HTML 4Page - STMicroelectronics TDA7403 Datasheet HTML 5Page - STMicroelectronics TDA7403 Datasheet HTML 6Page - STMicroelectronics TDA7403 Datasheet HTML 7Page - STMicroelectronics TDA7403 Datasheet HTML 8Page - STMicroelectronics TDA7403 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOLUME CONTROL
GMAX
Max Gain
20
dB
AMAX
Max Attenuation
79
dB
ASTEP
Step Resolution
1
dB
EA
Attenuation Set Error
G = -20 to 20dB
-1.25
0
1.25
dB
G = -60 to 20dB
-4
0
3
dB
ET
Tracking Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
3
mV
From 0dB to GMIN
0.5
5
mV
LOUDNESS CONTROL
ASTEP
Step Resolution
1
dB
AMAX
Max. Attenuation
15
dB
fCMIN
Lower Center Frequency
200
Hz
fCMAX
Higher Center Frequency
400
Hz
SOFT MUTE
AMUTE
Mute Attenuation
70
100
dB
TD
Delay Time
T1
0.48
ms
T2
0.96
ms
T3
40.4
ms
T4
324
ms
VTHlow
Low Threshold for SM Pin
(1)
1V
VTHhigh
High Threshold for SM Pin
2.5
V
RPU
Internal Pull-up Resistor
70
100
130
K
VPU
Pull-up Voltage
4.7
V
SOFT STEP
TSW
Switch Time
10
ms
BASS CONTROL
CRANGE
Control Range
±14
dB
ASTEP
Step Resolution
2
dB
fC
Center Frequency
fC1
60
Hz
fC2
70
Hz
fC3
80
Hz
fC4
100
(2)
Hz
QBASS
Quality Factor
Q1
1
Q2
1.25
Q3
1.5
Q4
2
DCGAIN
Bass-Dc-Gain
DC = off
0
dB
DC = on
4.4
dB
1) SM pin is active low (mute condition)
2) See description of Audioprocessor Part - Bass & Treble filter characteristics programming
TDA7403
5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com