Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7403 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7403
Description  BASIC SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7403 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7403 Datasheet HTML 18Page - STMicroelectronics TDA7403 Datasheet HTML 19Page - STMicroelectronics TDA7403 Datasheet HTML 20Page - STMicroelectronics TDA7403 Datasheet HTML 21Page - STMicroelectronics TDA7403 Datasheet HTML 22Page - STMicroelectronics TDA7403 Datasheet HTML 23Page - STMicroelectronics TDA7403 Datasheet HTML 24Page - STMicroelectronics TDA7403 Datasheet HTML 25Page - STMicroelectronics TDA7403 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Speaker Attenuation (LF, LR, RF, RR)
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
11
0
0
:
0
0
0
0
0
0
0
0
0
1
0
0
:
1
1
1
1
1
1
1
1
1
0
0
:
0
1
1
1
1
1
1
1
1
0
0
:
1
0
0
0
0
1
1
1
1
0
0
:
1
0
0
1
1
0
0
1
1
0
1
:
1
0
1
0
1
0
1
0
1
Attenuation
0dB
-1dB
:
-23dB
-24.5dB
-26dB
-28dB
-30
-32dB
-35dB
-40dB
-50dB
Speaker Mute
Must be ”1” (except RR speaker; see below)
0
0
1
1
0
1
0
1
Blank Time adj. (only at RR speaker)
38
µs
25.5
µs
32
µs
22
µs
Stereodecoder
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
STD Unmuted
STD Muted
0
0
1
1
0
1
0
1
IN-Gain 11dB
IN-Gain 8.5dB
IN-Gain 6dB
IN-Gain 3.5dB
1
must be ”1”
1
1
0
1
Forced MONO
MONO/STEREO switch automatically
0
1
Pilot Threshold HIGH
Pilot Threshold LOW
0
1
Deemphasis 50
µs
Deemphasis 75
µs
TDA7403
22/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com