Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7403 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7403
Description  BASIC SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7403 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7403 Datasheet HTML 1Page - STMicroelectronics TDA7403 Datasheet HTML 2Page - STMicroelectronics TDA7403 Datasheet HTML 3Page - STMicroelectronics TDA7403 Datasheet HTML 4Page - STMicroelectronics TDA7403 Datasheet HTML 5Page - STMicroelectronics TDA7403 Datasheet HTML 6Page - STMicroelectronics TDA7403 Datasheet HTML 7Page - STMicroelectronics TDA7403 Datasheet HTML 8Page - STMicroelectronics TDA7403 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
10.5
V
Tamb
Operating Ambient Temperature Range
-40 to 80
°C
Tstg
Operating Storage Temperature Range
-55 to 150
°C
SUPPLY
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
7.5
9
10
V
IS
Supply Current
VS = 9V
253035
mA
SVRR
Ripple Rejection @ 1KHz
Audioprocessor (all filters flat)
60
dB
Stereodecoder + Audioprocessor
55
dB
ESD
All pins are protected against ESD according to the MIL883 standard.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth-j pins
Thermal Resistance Junction-pins
Max
85
°C/W
CASS R
CASS L
N.C.
N.C.
N.C.
N.C.
N.C.
AM
MPX
SCL
SDA
GND
OUT RR
VS
OUT LR
OUT RF
OUT LF
CREF
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
LEVEL
SM
D98AU919
PIN CONNECTION
TDA7403
2/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com