Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7403 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7403
Description  BASIC SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7403 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7403 Datasheet HTML 9Page - STMicroelectronics TDA7403 Datasheet HTML 10Page - STMicroelectronics TDA7403 Datasheet HTML 11Page - STMicroelectronics TDA7403 Datasheet HTML 12Page - STMicroelectronics TDA7403 Datasheet HTML 13Page - STMicroelectronics TDA7403 Datasheet HTML 14Page - STMicroelectronics TDA7403 Datasheet HTML 15Page - STMicroelectronics TDA7403 Datasheet HTML 16Page - STMicroelectronics TDA7403 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
65mV
30mV
8 STEPS
NOISE CONTROLLED
TRIG. THRESHOLD
MIN. TRIG. THRESHOLD
260mV(00)
220mV(01)
180mV(10)
140mV(11)
0.9V
VTH
1.5V
VPEAK(V)
D97AU648
Figure 13. Trigger Threshold vs. VPEAK
VPEAK
(VOP)
D97AU649
20
DEVIATION(KHz)
0.9
1.2
2.0
2.8
DETECTOR OFF (11)
32.5
45
75
10
01
00
Figure 14. Deviation Controlled Trigger
Adjustment
2.3V(00)
0.9V
VPEAK
E’
D98AU863
1.8V(01)
1.3V(10)
MONO
STEREO
noisy signal
good signal
ATC_SB OFF (11)
NOISE
»3V
Figure 15. Fieldstrength Controlled Trigger
Adjustment
INGAIN
3.5 ... 11dB
STEP 2.5dB
INFILTER
LP 80KHz
4.th ORDER
DEMODULATOR
- PLOT CANC
- ROLL-OFF COMP.
- LP 25KHz
PLL +
PILOT-DET.
F19
NOISE BLANKER
F38
STEREO
HOLDN
SB CONTROL
DEEMPHASIS
+ HIGHCUT
t=50 or 75
µs
REF 5V
VSBL
LEVEL INTERN
HC
CONTROL
VHCCH
VHCCL
D
A
LEVEL INPUT
LP 2.2KHZ
1.th ORDER
LEVEL
FM_L
FM_R
MPX
100K
D98AU952
GAIN 0..10dB
Figure 16. Block diagram of the stereo decoder
TDA7403
13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com