Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7403 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7403
Description  BASIC SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7403 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7403 Datasheet HTML 1Page - STMicroelectronics TDA7403 Datasheet HTML 2Page - STMicroelectronics TDA7403 Datasheet HTML 3Page - STMicroelectronics TDA7403 Datasheet HTML 4Page - STMicroelectronics TDA7403 Datasheet HTML 5Page - STMicroelectronics TDA7403 Datasheet HTML 6Page - STMicroelectronics TDA7403 Datasheet HTML 7Page - STMicroelectronics TDA7403 Datasheet HTML 8Page - STMicroelectronics TDA7403 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AUDIO PROCESSOR PART
Input Multiplexer
MPX input
Cassette stereo input
AM mono or stereo input
Internal beep with 2 frequencies (selectable)
Mixable phone and beep signals
Loudness
First or second order frequency response
Programmable center frequency and quality factor
15 x 1dB steps
Selectable flat-mode (constant attenuation)
Volume control
1dB attenuator
Max. gain 20dB
Max. attenuation 79dB
Soft-step gain control
Bass Control
2nd order frequency response
Center frequency programmable in 4(5) steps
DC gain programmable
7 x 2dB steps
Treble Control
2nd order frequency response
Center frequency programmable in 4 steps
7 x 2dB steps
Speaker Control
4 independent speaker controls (1dB steps
control range 50dB)
Mute Functions
Direct mute driven by pin SM
Digitally controlled softmute with 4 program-
mable time constants
ELECTRICAL CHARACTERISTICS (VS = 9V; Tamb =25
°C; RL = 10KΩ; all gains = 0dB; f = 1KHz;
unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT SELECTOR
Rin
Input Resistance
all inputs except Phone
70
100
130
K
VCL
Clipping Level
2.2
2.6
VRMS
SIN
Input Separation
80
100
dB
GIN MIN
Min. Input Gain
-1
0
1
dB
GIN MAX
Max. Input Gain
14
dB
GSTEP
Step Resolution
2
dB
VDC
DC Steps
Adjacent Gain Step
0
mV
GMIN to GMAX
1mV
BEEP CONTROL
VRMS
Beep Level
350
mV
fBMIN
Lower Beep Frequency
600
Hz
fBMAX
Higher Beep Frequency
1.2
KHz
MIXING CONTROL
MLEVEL
Mixing Level
Source
0
dB
Source
-6
dB
Source
-12
dB
Beep/Phone
0
dB
TDA7403
4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com