Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7501
Description  LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 5Page - STMicroelectronics TDA7501 Datasheet HTML 6Page - STMicroelectronics TDA7501 Datasheet HTML 7Page - STMicroelectronics TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics TDA7501 Datasheet HTML 10Page - STMicroelectronics TDA7501 Datasheet HTML 11Page - STMicroelectronics TDA7501 Datasheet HTML 12Page - STMicroelectronics TDA7501 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TDA7501
Figure 6. Level-diagram.
TDA7500
TDA7501
Figure 7. Reference voltage generation
REFERENCE CONCEPT
For the input section the TDA7501 generates the
internal reference voltage by multiplying the V33
voltage by 1.2575.
The V33 voltage is also buffered and fed back to
the CODEC where it is used to generate all nec-
essary references. For best performance it is rec-
ommended to filter the V33 reference pin by
means of a passive second order lowpass as
shown in figure 7 This concept allows a direct DC
coupling between the TDA7501 and the DSP
because of the accurate matching of DC levels.
On the output side the TDA7501 offers two main
modes: a single supply and a dual supply mode.
Dual supply mode
In this mode the outputs are able to provide up to
4V rms with a minimum supply VCC of 12V as
well as a output reference voltage set to half of
VCC (bit D0 of the mode select byte set to ’1’). If
the switch D1/byte mode select is open the out-
put reference voltage must be defined externally
e.g. a zener diode with RC-lowpass. If the switch
is closed the reference voltage will be half of V cc
and only an external capacitor has to be added.
TDA7501
9/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com