Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7501
Description  LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7501 Datasheet HTML 1Page - STMicroelectronics TDA7501 Datasheet HTML 2Page - STMicroelectronics TDA7501 Datasheet HTML 3Page - STMicroelectronics TDA7501 Datasheet HTML 4Page - STMicroelectronics TDA7501 Datasheet HTML 5Page - STMicroelectronics TDA7501 Datasheet HTML 6Page - STMicroelectronics TDA7501 Datasheet HTML 7Page - STMicroelectronics TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ELECTRICAL CHARACTERISTICS (VDD =VS = 8.3V; Tamb =25
°C; RL = 10kΩ; all gains = 0dB;
f = 1kHz; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GENERAL
VCL
Input Clipping Level
2.3
VRMS
SIN
Input Separation
80
100
dB
GIN MIN
Min. Input Gain
0
dB
GIN MAX
Max. Input Gain
15
dB
GSTEP
Step Resolution
1
dB
VDC
DC Steps
Adjacent Gain Steps
0.5
mV
GMIN to GMAX
5mV
dIN
Distortion
VOUT = 0.7VRMS
0.002
0.08
%
VDCout
Output DC-voltage
pins 41..44
1.65
V
Rout
Output impedance
3
k
QUASI DIFFERENTIAL CD STEREO INPUT (non inverting)
Rin
Input Resistance (see Fig. 2)
Differential
70
100
130
k
CMRR
Common Mode Rejection Ratio
VCM =1VRMS @ 1kHz
45
70
dB
VCM =1VRMS @ 10kHz
45
60
dB
VN
Output-Noise
20Hz - 20kHz; unweighted
2.5
µV
DIFFERENTIAL PHONE/NAVIGATION/FM/AM INPUT (inverting)
Rin
Input Resistance (see Fig. 3)
35
50
65
k
CMRR
Common Mode Rejection Ratio
VCM =1VRMS @ 1kHz
40
70
dB
VCM =1VRMS @ 10kHz
40
60
dB
AM IF INPUT
Rin
Input Resistance
35
50
65
k
CASSETTE INPUT (non inverting)
Rin
Input Resistance
70
100
130
k
AM/FM-LEVEL INPUT
Rin
Input Resistance
70
100
130
k
Vmin
Minimum Input Voltage
-0.4
V
Vmax
Maximum Input Voltage
7
V
Dual MPX control (pin TUNER-)
VCTRLMPX1
Control voltage for MPX 1+2
MPX1 -> MPX1 + MPX2
1.5
V
VCTRLMPX2
Control voltage for MPX2
MPX1 + MPX1 -> MPX2
4
V
VCTRLMPX3
Control voltage for MPX 1+2
MPX2 -> MPX1 + MPX2
3.5
V
VCTRLMPX4
Control voltage for MPX1
MPX1 + MPX2 -> MPX2
1
V
SPEAKER OUTPUTS
Rin
Input Impedance
35
50
65
k
GMAX
Max. Gain
single supply mode
dual supply mode
15
21
dB
dB
AMAX
Max. Attenuation
single supply mode
dual supply mode
-79
-73
dB
dB
TDA7501
3/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com