Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7501
Description  LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 6Page - STMicroelectronics TDA7501 Datasheet HTML 7Page - STMicroelectronics TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics TDA7501 Datasheet HTML 10Page - STMicroelectronics TDA7501 Datasheet HTML 11Page - STMicroelectronics TDA7501 Datasheet HTML 12Page - STMicroelectronics TDA7501 Datasheet HTML 13Page - STMicroelectronics TDA7501 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Single supply mode
If VCC and Vdd are connected to a single supply
the maximum possible output swing is about 2.8V
rms . The output reference voltage pin can be left
open or otherwise the internal voltage divider can
be used to generate for the outputs a VCC/2 refer-
ence.
DIGITAL BUS
The TDA7501 digital interface offers two different
protocols: SPI and I
2C. To select I2C-mode the
SEL-pin has to beconnected to VDD. If the voltage
at the SEL-pin is more than about 1V below the
VDD voltage the interface switches to SPI-mode.
In both cases the interface is able to work with a
3.3V microprocessor as well as with a 5V micro-
processor. For details of both protocols refer to
the programming section.
SPI BUS MODE
Interface protocol
The TDA7501 SPI interface protocol comprises :
- a subaddress and
- a sequence of n databytes
each consisting of 8 bits (see figure 8).
Figure 8. Timing diagram for the SPI bus mode.
CHIP ADDRESS
SUBADDRESS
DATA 1...DATA n
MSB
LSB
MSB
LSB
MSB
LSB
S
10001100 ACK 00
I
0 SA3 SA2 SA1 SA0 ACK
DATA
ACK
P
ACK = Acknowledge
S = Start
P = Stop
I
2C BUS MODE
Interface Protocol
The interface protocol comprises:
-a start condition (S)
-a chip address byte (write mode only)
-a subaddress byte
-a sequence of data (N-bytes + acknowledge)
-a stop condition (P)
TDA7501
10/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com