Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7501
Description  LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7501 Datasheet HTML 1Page - STMicroelectronics TDA7501 Datasheet HTML 2Page - STMicroelectronics TDA7501 Datasheet HTML 3Page - STMicroelectronics TDA7501 Datasheet HTML 4Page - STMicroelectronics TDA7501 Datasheet HTML 5Page - STMicroelectronics TDA7501 Datasheet HTML 6Page - STMicroelectronics TDA7501 Datasheet HTML 7Page - STMicroelectronics TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DESCRIPTION OF THE INPUT PART
On the input side, the DSPLD (see figure 1) con-
nects the external audio- and tuner-signals to the
four AD-converters of the Digital Carradio Signal
Processor TDA7500. The audio signals are ad-
justed by the input gain stage to the internal refer-
ence signal with 2V rms referred to 4.15V (=V33
à 1.2575). The following CODEC-interface at-
tenuates the 2Vrms to 0.8Vrms referred to the
CODEC’s reference voltage of 1.65V which al-
lows a DC-coupling to the TDA7500.
Figure 1. Input part.
Input Stages
The decive offers several input stages for the dif-
ferent signals which have to be handled by the
system. A quasi differential input (see figure 2)
can be used for (external) CD-changer. The two
mono differential inputs allow the connection of
Phone and Navigation (see figure 3) or it could be
used as fully differential stereo input. Additionally
a single-ended stereo input is available for Cas-
sette applications. The lower part of the input
section is dedicated to the tuner signals. Another
quasi differential input (see figure 4) is used to
connect AM and FM referred to the tuner refer-
ence (Tuner-). This concept supports also double
tuner systems. Also two seperate level inputs are
present which are followed by level-shifters to al-
low the use of the TDA7500’s ADCs. For AM
noise blanking an envelope-detector driven by
the AM-IF is also available.
TDA7501
5/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com