Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7501
Description  LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7501 Datasheet HTML 1Page - STMicroelectronics TDA7501 Datasheet HTML 2Page - STMicroelectronics TDA7501 Datasheet HTML 3Page - STMicroelectronics TDA7501 Datasheet HTML 4Page - STMicroelectronics TDA7501 Datasheet HTML 5Page - STMicroelectronics TDA7501 Datasheet HTML 6Page - STMicroelectronics TDA7501 Datasheet HTML 7Page - STMicroelectronics TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ASTEP
Step Resolution
1
dB
AMUTE
Output Mute Attenuation
80
100
dB
EE
Attenuation Set Error
from +15 to -40dB
2
dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
3
mV
VDCOUT
Output DC-voltage
single supply mode
dual supply mode
4.15
outref
V
V
VCLIP
Output Clipping Level
d = 0.3%, VCC =VDD = 8.3V
gain = 0dB
gain = 6dB
2.3
2.8
VRMS
VRMS
d = 0.3%, VCC = 12V
VDD = 8.3V gain = 0dB
4VRMS
RL
Output Load Resistance
AC-coupled
5
k
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
120
VN
Output Noise
BW = 20Hz-20kHz muted 0dB
muted 6dB
gain = 0dB
gain = 6dB
3
7.5
10
13
µV
µV
µV
µV
S/N
Signal to Noise Ratio
BW = 20Hz-20kHz VO =2VRMS
VO =4VRMS
106
110
dB
dB
dout
distortion
VOUT =1VRMS; all stages 0dB
0.005
0.08
%
SC
Channel Separation left/right
80
100
dB
ADCVDDREF (CODEC reference)
Imaxadc
Max. Output Current
pin 40
5
mA
BUS INPUTS
Vlow
Voltage for logic ”0”
inputs SEL, SCL,SDA,MUTE
0.8
V
Vhigh
Voltage for logic ”1”
inputs SEL, SCL,SDA,MUTE
2.4
V
ELECTRICAL CHARACTERISTICS (continued)
TDA7501
4/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com