Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7501
Description  LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 10Page - STMicroelectronics TDA7501 Datasheet HTML 11Page - STMicroelectronics TDA7501 Datasheet HTML 12Page - STMicroelectronics TDA7501 Datasheet HTML 13Page - STMicroelectronics TDA7501 Datasheet HTML 14Page - STMicroelectronics TDA7501 Datasheet HTML 15Page - STMicroelectronics TDA7501 Datasheet HTML 16Page - STMicroelectronics TDA7501 Datasheet HTML 17Page - STMicroelectronics TDA7501 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Configuration (subaddress 6)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
AM-IF rectifier gain
+18dB
+15.5dB
+12dB
+6dB
0
0
1
1
0
1
0
1
AM-IF rectifier corner frequency
14kHz
18.5kHz
28kHz
56kHz
1
must be ”1”
0
1
Dual MPX mode
on (control through Tuner-voltage)
off
0
0
1
1
0
1
0
1
forced Dual MPX control
MPX1 (allows automatic selection)
MPX2 (overwrites automatic selection)
MPX1+MPX2 (overwrites automatic selection)
MPX1 (overwrites automatic selection)
Output selector (subaddress 7)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
source select SPKR 1L
Bypass
CDL
Phone/Navigation mix / IN1L
IN1L
0
0
1
1
0
1
0
1
source select SPKR 1R
Bypass
CDL
Phone/Navigation mix / IN1R
IN1R
0
0
1
1
0
1
0
1
source select SPKR 2L
Bypass
CDL
mute
IN2L
0
0
1
1
0
1
0
1
source select SPKR 2R
Bypass
CDL
mute
IN2R
TDA7501
14/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com