Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7502
Description  IN-CAR REMOTE AMPLIFIER DSP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7502 Datasheet HTML 1Page - STMicroelectronics TDA7502 Datasheet HTML 2Page - STMicroelectronics TDA7502 Datasheet HTML 3Page - STMicroelectronics TDA7502 Datasheet HTML 4Page - STMicroelectronics TDA7502 Datasheet HTML 5Page - STMicroelectronics TDA7502 Datasheet HTML 6Page - STMicroelectronics TDA7502 Datasheet HTML 7Page - STMicroelectronics TDA7502 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
50
°C/W
SCKR
LRCKR
SDO2
SDO1
SDO0
SCKT
LRCKT
VDD4
GND4
DBOUT
VDD2
VDD1
DBRQN
TESTEN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
INT
SCANEN
GND2
DBCK
GND1
DBIN
VDD5
GND5
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDDC
Core DC Supply voltage
4.6
V
VDDP
Pads DC Supply voltage
4.6
V
VI,VIN
Digital or analog input voltage
-0.5 to (VDDP +0.5)
V
Top
Operative temperature range
-40 to 85
°C
Tstg
Storage temperature range (plastic)
-55 to 150
°C
PIN DESCRIPTION
N.
Name
Type
Reset
Status (1)
Function
1
VDD1
I
–
3.3V core supply.
2
GND1
I
–
Core ground.
3
INT
I/O
–
External interrupt line (Input/Output). When this line is asserted low, the
DSP may be interrupted. Acts as IRQA line of DSP core.
4
SCANEN
I
–
SCAN Enable When active with TESTEN also active, controls the
shifting of the internal scan chains.
5
TESTEN
I
–
Test Enable. When active, puts the chip into test mode and muxes the
XTI clock to all flip-flops. When SCANEN is also active, the scan chain
shifting
6
DBRQN
I
–
Debug Port Request Input. Means of entering the Debug mode of
operation.
TDA7502
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com