Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7502
Description  IN-CAR REMOTE AMPLIFIER DSP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7502 Datasheet HTML 1Page - STMicroelectronics TDA7502 Datasheet HTML 2Page - STMicroelectronics TDA7502 Datasheet HTML 3Page - STMicroelectronics TDA7502 Datasheet HTML 4Page - STMicroelectronics TDA7502 Datasheet HTML 5Page - STMicroelectronics TDA7502 Datasheet HTML 6Page - STMicroelectronics TDA7502 Datasheet HTML 7Page - STMicroelectronics TDA7502 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
N.
Name
Type
Reset
Status
Function
7
DBOUT/GPIO2
I/O
I
The serial data output for the Debug Port. Can also be used as a GPIO.
8
VDD2
I
–
3.3V core supply.
9
GND2
I
–
Core ground.
10
DBCK/GPIO0
I/O
I
Debug Port Bit Clock/Chip Status 1. The serial clock for the Debug Port
is provided when an input. When an output, provides information about
the chip status. Can also be used as GPIO
11
DBIN/GPIO1
I/O
I
Debug Port Serial Input/Chip Status 0. The serial data input for the
Debug Port is provided when an input. When an output, provides
information about the chip status. Can also be used as GPIO.
12
CLKOUT
O
–
Output Clock.
13
PGND
I
–
PLL Clock Ground Input. Ground connection for oscillator circuit.
14
PVCC
I
–
PLL Clock Power Supply. Positive supply for PLL Clock Oscillator.
15
XTO
O
High
Crystal Oscillator Output. Crystal Oscillator output drive.
16
XTI
I
–
Crystal Oscillator Input. External Clock Input or crystal connection.
17
RESET
I/O
I
System Reset. A logic low level applied to RESET input initializes DSPs.
During Debug Mode if this pin is pulled low in while the DBRQN line is
pulled low then the DSP pointed to by the DBSEL pin will be reset.
18
VDD3
I
–
3.3V Supply.
19
GND3
I
–
Ground.
20
SDI0
I
–
SDI0 is a stereo digital audio data input pin channel 0.
21
SDI1
I
–
SDI1 is a stereo digital audio data input pin channel 1.
22
SDI2
I
–
SDI2 is a stereo digital audio data input pin channel 2.
23
SCKR
I/O
–
SAI receive bit clock. Master or slave.
24
LRCKR
I/O
–
Left-Right clock for SAI Receiver. Master or slave.
25
VDD4
I
–
3.3V Supply.
26
GND4
I
–
Ground.
27
SDO0
O
High
SDO0 is a stereo digital audio data output pin channel 0.
28
SDO1
O
High
SDO1 is a stereo digital audio data output pin channel 1.
29
SDO2
O
High
SDO2 is a stereo digital audio data pin channel 2.
30
VDD5
GND
–
3.3V Supply.
31
GND5
I
–
Ground.
32
LRCKT
I/O
–
SAI transmit left/right clock. Master or slave.
33
SCKT
I/O
–
SAI transmit bit clock. Master or slave.
34
SCL
I/O
–
Clock line for I
2C bus. Schmitt trigger input.
35
SDA
I/O
–
Data line for I
2C bus. Schmitt trigger input.
36
SCK
I
–
Bit clock for SPI control interface.
37
SS
I
–
Slave select input pin for SPI control interface.
38
MOSI
I/O
I
Serial Data Output for SPI type serial port when in SPI Master Mode and
Serial Data Input when in SPI Slave Mode.
39
MISO
I/O
I
Serial Data Input for SPI style serial port when in SPI Master Mode and
Serial Data Output when in SPI Slave Mode.
40
VDD6
GND
–
3.3V Supply.
41
GND6
I
–
Ground.
42
GPIO3
I/O
–
This pin is dedicated as general I/O.
43
GPIO4
I/O
–
This pin is dedicated as general I/O.
44
GPIO5
I/O
–
This pin is dedicated as general I/O.
PIN DESCRIPTION (continued)
TDA7502
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com