Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7502
Description  IN-CAR REMOTE AMPLIFIER DSP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7502 Datasheet HTML 1Page - STMicroelectronics TDA7502 Datasheet HTML 2Page - STMicroelectronics TDA7502 Datasheet HTML 3Page - STMicroelectronics TDA7502 Datasheet HTML 4Page - STMicroelectronics TDA7502 Datasheet HTML 5Page - STMicroelectronics TDA7502 Datasheet HTML 6Page - STMicroelectronics TDA7502 Datasheet HTML 7Page - STMicroelectronics TDA7502 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RECOMMENDED DC OPERATING CONDITIONS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDDC
3.3V Power Supply Voltage
3
3.3
3.6
V
Tj
Operating Junction
Temperature
-40
125
°C
POWER CONSUMPTION
Symbol
Parameter
Value
Unit
Idd
Maximum current for core power supply @3.3V
250
mA
Note: 50MHz internal DSP clock at Tamb
FUNCTIONAL DESCRIPTION
The TDA7502 contains one DSP Core and asso-
ciated peripherals.
24-BIT DSP CORE.
The DSP core is used to process the converted
analog audio data coming from the CODEC chip
via the SAI and return it for analog conversion.
Functions such as volume, tone, balance, and
fader control, as well as spatial enhancement and
general purpose signal processing may be per-
formed by the DSP.
Some capabilities of the DSPs are listed below:
Single cycle multiply and accumulate with con-
vergent rounding and condition code genera-
tion
2 x 56-bit Accumulators
Double precision multiply
Scaling and saturation arithmetic
48-bit or 2 x 24-bit parallel moves
64 interrupt vector locations
Fast or long interrupts possible
Programmable interrupt priorities and masking
8 each of Address Registers, Address Offset
Registers and Address Modulo Registers
Linear, Reverse Carry, Multiple Buffer Modulo,
Multiple Wrap-around Modulo address arith-
metic
Post-increment or decrement by 1 or by offset,
Index by offset, predecrement address
Repeat instruction and zero overhead DO
loops
Hardware stack capable of nesting combina-
tions of 7 DO loops or 15 interrupts/subrou-
tines
Bit manipulation instructions possible on all
registers and memory locations. Also Jump on
bit test.
4 pin serial debug interface
Debug access to all internal registers, buses
and memory locations
5 word deep program address history FIFO
Hardware and software breakpoints for both
program and data memory accesses
Debug Single stepping, Instruction injection
and Disassembly of program memory
DSP PERIPHERALS
There are a number of peripherals that are tightly
coupled to the DSP Core. Each of the peripherals
are listed below and described in the following
sections.
512 x 24-Bit X-RAM.
512 x 24-Bit Y-RAM.
3072 x 24-Bit Program RAM
128 x 24-Bit Boot ROM.
Serial Audio Interface (SAI)
Single Debug Port
Programmable Control Interface (SPI/I
2C)
GPIO
DATA AND PROGRAM MEMORY
Each of the memories are described below.
512 x 24-Bit X-RAM (XRAM)
This is a 512 x 24-Bit Single Port SRAM used for
storing coefficients. The 16-Bit XRAM address,
XABx(15:0) is generated by the Address Genera-
tion Unit of the DSP core. The 24-Bit XRAM Data,
XDBx(23:0), may be written to and read from the
Data ALU of the DSP core. The XDBx Bus is also
connected to the Internal Bus Switch so that it
can be routed to and from all peripheral blocks.
512 x 24 Bit Y-RAM (YRAM)
This is a 512 x 24-Bit Single Port SRAM used for
storing
coefficients.
The
16-Bit
address,
YABx(15:0) is generated by the Address Genera-
tion Unit of the DSP core. The 24-Bit Data,
YDBx(23:0), is written to and read from the Data
TDA7502
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com