Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7502
Description  IN-CAR REMOTE AMPLIFIER DSP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7502 Datasheet HTML 1Page - STMicroelectronics TDA7502 Datasheet HTML 2Page - STMicroelectronics TDA7502 Datasheet HTML 3Page - STMicroelectronics TDA7502 Datasheet HTML 4Page - STMicroelectronics TDA7502 Datasheet HTML 5Page - STMicroelectronics TDA7502 Datasheet HTML 6Page - STMicroelectronics TDA7502 Datasheet HTML 7Page - STMicroelectronics TDA7502 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
24-Bit Fixed-point DSP core delivering up to
50 MIPS
2 x 512 x 24Bitof RAM forX andY datamemory.
1536 x 24 Bit of RAM for Program.
1536 x 24 Bit of Additional RAM memory us-
able for delay or program
Serial Audio Interface.
Debug Port.
Control Interface for external GPIOs, Inter-
rupts, and RESET.
SPI and I
2C for communication between exter-
nal micro and DSP. Both master and slave op-
erating modes.
PLL Clock Oscillator
5V-tolerant 3V I/O interface
DESCRIPTION
This device is a high-performance, fully program-
mable DSP, suitable for a wide range of applica-
tions and particularly for Audio and Sound Proc-
essing. It contains a 24-bit 50 MIPS DSP core,
several interfaces for control and data,
plus a
configurable PLL.
The computational power and the memory con-
figuration make this device particularly suitable
for in car equalisation. This device will offer the
best trade-off between performance and cost
when coupled with the TDA7531, or other de-
vices of the same family. A library of sound proc-
essing functions is available for this device; some
of these functions are: parametric equaliser,
cross over filters, acoustic delay, dynamic com-
pression, Vol/Bass/Treble/Fader, active equalisa-
tion, Stereo Spatial Enhancement.
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
April 1999
®
ORPHEUS
24bit DSP
CORE
3072 x 24
P/Delay-RAM
512 x 24
Y-RAM
512 x 24
X-RAM
VDD4
GND4
VDD5
GND5
VDD6
GND6
RESET
INT
PVCC
PGND
SDI0 SDI1 SDI2
SDO0 SDO1 SDO2
VDD3 GND3
SCANEN TESTEN
DBRQN/GPIO3
DBRQ
VDD1 GND1
VDD2 GND2
XTO XTI CLKOUT
128 x 24
BOOT-ROM
LRCLKT
SCKT
LRCLKR
SCKR
SCL
SDA
SS
SCK
MISO
MOSI
GPIO3
GPIO4
GPIO5
DBCK/GPIO1
DBIN/GPIO2
I2C
Interface
Serial
Audio
Interface
SPI
Interface
Debug
interface
PLL
oscillator
GPIO
BLOCK DIAGRAM
TQFP44
(10 x 10)
TDA7502
IN-CAR REMOTE AMPLIFIER DSP
PRODUCT PREVIEW
1/8


Similar Part No. - TDA7502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7502 STMICROELECTRONICS-TDA7502 Datasheet
268Kb / 25P
In-car remote amplifier DSP
24-Nov-2006
TDA7502013TR STMICROELECTRONICS-TDA7502013TR Datasheet
268Kb / 25P
In-car remote amplifier DSP
24-Nov-2006
TDA7502 STMICROELECTRONICS-TDA7502_06 Datasheet
268Kb / 25P
In-car remote amplifier DSP
24-Nov-2006
More results

Similar Description - TDA7502

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
Car radio Digital Signal Processor (DSP)
2001 Mar 05
logo
Sanyo Semicon Device
LC75010W SANYO-LC75010W Datasheet
128Kb / 12P
LC75010W Car Audio DSP
logo
STMicroelectronics
TDA7502 STMICROELECTRONICS-TDA7502_06 Datasheet
268Kb / 25P
In-car remote amplifier DSP
24-Nov-2006
TDA7505 STMICROELECTRONICS-TDA7505 Datasheet
489Kb / 38P
Car radio DSP for advanced signal processing
23-Oct-2007
logo
ON Semiconductor
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
Car Audio DSP
April, 2014
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
Car Audio DSP
March 2015 - Rev. 2
logo
SHENZHEN FUMAN ELECTRON...
TX3E FUMAN-TX3E Datasheet
134Kb / 5P
Two-function remote control car IC built-in motor drive
logo
NXP Semiconductors
SAF7741HV NXP-SAF7741HV Datasheet
1Mb / 83P
Dual IF car radio and audio DSP
Rev. 05 - 09 May 2008
logo
ON Semiconductor
LV25810PEB ONSEMI-LV25810PEB Datasheet
1Mb / 28P
Bi-CMOS LSI Car DSP Tuner
June, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com