Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7502
Description  IN-CAR REMOTE AMPLIFIER DSP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7502 Datasheet HTML 1Page - STMicroelectronics TDA7502 Datasheet HTML 2Page - STMicroelectronics TDA7502 Datasheet HTML 3Page - STMicroelectronics TDA7502 Datasheet HTML 4Page - STMicroelectronics TDA7502 Datasheet HTML 5Page - STMicroelectronics TDA7502 Datasheet HTML 6Page - STMicroelectronics TDA7502 Datasheet HTML 7Page - STMicroelectronics TDA7502 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ALU of the DSP core. The YDBx Bus is also con-
nected to the Internal Bus Switch so that it can be
routed to and from other blocks.
3072 X 24-Bit Program RAM
This is a 3072 x 24-Bit Single Port SRAM used
for storing and executing program code. The 16-
Bit PRAM Address, PABx(15:0) is generated by
the Program Address Generator of the DSP core
for Instruction Fetching, and by the AGU in the
case of the Move Program Memory (MOVEM) In-
struction. The 24-Bit PRAM Data (Program
Code), PDBx(23:0), can only be written to using
the MOVEM instruction.
During instruction fetching the PDBx Bus is
routed to the Program Decode Controller of the
DSP core for instruction decoding.
Spare space in the Program area may be used
as data memory to implement delay lines for ex-
ample.
128 x 24-Bit Bootstrap ROM (PROM)
This is a 128 x 24-Bit factory programmed Boot
ROM used for storing the program sequence for
initializing the DSP.
Essentially this consists of a routine that is called
when the DSP comes out of reset. There are
three different boot modes supported by the boot
ROM, one boots directly into PRAM, the second
boots over the I
2C bus and the third boots are the
SPI bus. The boot mode is selected by the levels
on GPIO3 and GPIO5
Serial Audio Interface (SAI)
The SAI is used to deliver digital audio to the
DSPs from an external source. Once processed
by the DSPs, it can be returned through this inter-
face. The features of the SAI are listed below.
Three Synchronized Stereo Data Transmission
Lines
Three Synchronized Stereo Data Reception
Lines
Master/Slave operating modes
Transmit and Receive Interrupt Logic triggers
on Left/Right data pairs
Receive and Transmit Data Registers have
two locations to hold left and right data.
Serial Peripheral Interface
The DSP core requires a serial interface to re-
ceive commands and data over the LAN. During
an SPI transfer, data is transmitted and received
simultaneously. A serial clock line synchronizes
shifting and sampling of the information on the
two serial data lines. A slave select line allows in-
dividual selection of a slave SPI device.
When an SPI transfer occurs an 8-bit word is
shifted out one data pin while another 8-bit char-
acter is simultaneously shifted in a second data
pin.
The central element in the SPI system is the shift
register and the read data buffer. The system is
single buffered in the transfer direction and dou-
ble buffered in the receive direction.
I
2C Interface
The inter Integrated Circuit bus is a single bidirec-
tional two-wire bus used for efficient inter IC con-
trol. All I
2C bus compatible devices incorporate
an on-chip interface which allows them communi-
cate directly with each other via the I
2C bus.
Every component hooked up to the I
2C bus has
its own unique address whether it is a CPU,
memory or some other complex function chip.
Each of these chips can act as a receiver and /or
transmitter on its functionality.
General Purpose Input/Output
The DSP requires a set of external general pur-
pose input/output lines, and a reset line. These
signals are used by external devices to signal
events to the DSP. The GPIO lines are imple-
mented as DSP ’s peripherals
PLL Clock Oscillator
The PLL Clock Oscillator can accept an external
clock at XTI or it can be configured to run an in-
ternal oscillator when a crystal is connected
across pins XTI & XTO. There is an input divide
block IDF (1 -> 32) at the XTI clock input and a
multiply block MF (33 -> 128) in the PLL loop.
Hence the PLL can multiply the external input
clock by a ratio MF/IDF to generate the internal
clock. This allows the internal clock to be within 1
MHz of any desired frequency even when XTI is
much greater than 1 MHz. It is recommended that
the input clock is not divided down to less than 1
MHz as this reduces the Phase Detector’s update
rate.
The clocks to the DSP can be selected to be
either the VCO output divided by 2 or 4 respec-
tively, or be driven by the XTI pin directly.
The crystal oscillator and the PLL will be gated off
when entering the power-down mode (by setting
bit 1 of the PCON Register).
TDA7502
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com