Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet (PDF) - STMicroelectronics

TDA7502 Datasheet PDF - STMicroelectronics
Part # TDA7502
Download  TDA7502 Download
File Size   58.34 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IN-CAR REMOTE AMPLIFIER DSP

TDA7502 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7502 Datasheet PDF - STMicroelectronics

Part # TDA7502
Download  TDA7502 Click to download

File Size   58.34 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IN-CAR REMOTE AMPLIFIER DSP

TDA7502 Datasheet (HTML) - STMicroelectronics


TDA7502 Product details

Description
This device is a high-performance, fully programmable DSP, suitable for a wide range of applications and particularly for audio and sound processing. It contains a 24-bit 50 MIPS DSP core, several interfaces for control and data, plus a configurable PLL.

Features
■ 24-Bit fixed-point dsp core delivering up to 50 MIPS
■ 2 x 1024 x 24 Bit of RAM for X and Y data memory.
■ 3072 x 24 Bit of RAM for program also usable for delay
■ Serial audio interface.
■ Debug port.
■ Control interface for external GPIOs, interrupts, and reset.
■ SPI and I2C for communication between external micro and DSP. Both master and slave operating modes.
■ PLL clock oscillator
■ 5V-tolerant 3.3V I/O interface




Similar Part No. - TDA7502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7502 STMICROELECTRONICS-TDA7502 Datasheet
268Kb / 25P
In-car remote amplifier DSP
24-Nov-2006
TDA7502013TR STMICROELECTRONICS-TDA7502013TR Datasheet
268Kb / 25P
In-car remote amplifier DSP
24-Nov-2006
TDA7502 STMICROELECTRONICS-TDA7502_06 Datasheet
268Kb / 25P
In-car remote amplifier DSP
24-Nov-2006
More results


Similar Description - TDA7502

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
Car radio Digital Signal Processor (DSP)
2001 Mar 05
logo
Sanyo Semicon Device
LC75010W SANYO-LC75010W Datasheet
128Kb / 12P
LC75010W Car Audio DSP
logo
STMicroelectronics
TDA7502 STMICROELECTRONICS-TDA7502_06 Datasheet
268Kb / 25P
In-car remote amplifier DSP
24-Nov-2006
TDA7505 STMICROELECTRONICS-TDA7505 Datasheet
489Kb / 38P
Car radio DSP for advanced signal processing
23-Oct-2007
logo
ON Semiconductor
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
Car Audio DSP
April, 2014
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
Car Audio DSP
March 2015 - Rev. 2
logo
SHENZHEN FUMAN ELECTRON...
TX3E FUMAN-TX3E Datasheet
134Kb / 5P
Two-function remote control car IC built-in motor drive
logo
NXP Semiconductors
SAF7741HV NXP-SAF7741HV Datasheet
1Mb / 83P
Dual IF car radio and audio DSP
Rev. 05 - 09 May 2008
logo
ON Semiconductor
LV25810PEB ONSEMI-LV25810PEB Datasheet
1Mb / 28P
Bi-CMOS LSI Car DSP Tuner
June, 2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com