Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 6Page - STMicroelectronics TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics TDA7580 Datasheet HTML 10Page - STMicroelectronics TDA7580 Datasheet HTML 11Page - STMicroelectronics TDA7580 Datasheet HTML 12Page - STMicroelectronics TDA7580 Datasheet HTML 13Page - STMicroelectronics TDA7580 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TDA7580
10/31
RECOMMENDED DC OPERATING CONDITIONS
Note: 1. VDDH, VOSC, VDDSD are also indicated in this document as VDD3. All others as VDD.
Symbol
Parameter
Comment
Min.
Typ.
Max.
Unit
VDD
1.8V Power Supply Voltage
Core Power Supply
1.7
1.80
1.9
V
VDDH
3.3V Power Supply Voltage (1)
IO Rings Power Supply (with GNDH)
3.15
3.30
3.45
V
VOSC
3.3V Power Supply Voltage (1)
Oscillator Power Supply (GNDOSC)
3.15
3.30
3.45
V
VDDSD
3.3V Power Supply Voltage (1)
IF ADC Power Supply (with GNDSD)
3.15
3.30
3.45
V
VMTR
1.8V Power Supply Voltage
DAC-Keying and Tuner clock
Power Supply (with GNDMTR)
1.7
1.80
1.9
V
GENERAL INTERFACE ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
lilh
Low Level Input Current
I/Os@VDD3 (absolute value)
Vi = 0V (notes 1, 2)
without pull-up-down device
1
µA
lihh
High Level Input Current
I/Os@VDD3 (absolute value)
Vi = VDD3 (notes 1, 2)
without pull-up-down device
1
µA
lil
Low Level Input Current
I/Os@VDD (absolute value)
Vi = 0V (notes 1, 3, 4)
without pull-up-down device
1
µA
lih
High Level Input Current
I/Os@VDD (absolute value)
Vi = VDD (notes 1, 3, 4)
without pull-up device
1
µA
Iipdh
Pull-down current I/Os @ VDD3
Vi = VDD3 (note 5)
with pull-down device
3.2
6.6
10.0
µA
Iopuh
Pull-up current I/Os @ VDD3
Vi = 0V(note 6)
with pull-up device
-10.0
-6.6
-3.2
µA
Iopul
Pull-up current I/Os @ VDD
Vi = 0V (note 3)
with pull-up device
-5.4
-3.6
-1.8
µA
Iaihop
Analogue pin sunk/drawn current
on pin1 and pin 6
Vi = VDD3
0.95
1.25
1.55
mA
Vi = 0V
-6.25
-5.0
-3.75
mA
Iacm
Analogue pin sunk/drawn current
on pin 2
Vi = VDD3
1.5
2.0
2.5
mA
Vi = 0V
-2.5
-2.0
-1.5
mA
Iail
Analogue pin sunk/drawn current
on pin 3
Vi = VDD3
3.75
5.0
6.25
mA
Vi = 0V
-1.55
-1.25
-0.95
mA
Iain
Analogue pin sunk/drawn current
on pin 4 and pin 5
Vi = VDD3
24
32
40
µA
Vi = 0V
-40
-32
-24
µA
Iaik
Analogue pin sunk/drawn current
on pin 15
Vi = VDD
0.8
1.2
1.6
mA
Vi = 0V (spec absolute value)
1
µA
Ioz
Tri-state Output leakage
Vo = 0V or VDD3 (note 1)
without pull up/down device
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com