Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 20Page - STMicroelectronics TDA7580 Datasheet HTML 21Page - STMicroelectronics TDA7580 Datasheet HTML 22Page - STMicroelectronics TDA7580 Datasheet HTML 23Page - STMicroelectronics TDA7580 Datasheet HTML 24Page - STMicroelectronics TDA7580 Datasheet HTML 25Page - STMicroelectronics TDA7580 Datasheet HTML 26Page - STMicroelectronics TDA7580 Datasheet HTML 27Page - STMicroelectronics TDA7580 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
TDA7580
24/31
I
2C INTERFACES
The inter Integrated Circuit bus is a single bidirectional two-wire bus used for efficient inter IC control. All I2C
bus compatible devices incorporate an on-chip interface which allows them communicate directly with each oth-
er via the I2C bus.
Every component hooked up to the I
2C bus has its own unique address whether it is a CPU, memory or some
other complex function chip. Each of these chips can act as a receiver and /or transmitter on its functionality.
Two pins are used to interface both I
2C of the DSP and RDS, which have different internal I2C address, thus
reducing the on-board pin interconnections.
SERIAL PERIPHERAL INTERFACES
The DSP and RDS can have this serial interface, alternative to the I
2C one. DSP and RDS SPI modules have
separate pin for chip select.
The DSP SPI has a ten 24bit-words deep FIFO for both receive and transmit sections, which reduces DSP pro-
cessing overhead even at high data rate.
The serial interface is needed to exchange commands and data over the LAN. During an SPI transfer, data is
transmitted and received simultaneously. A serial clock line synchronizes shifting and sampling of the informa-
tion on the two serial data lines. A slave select line allows individual selection of a slave SPI device.
When an SPI transfer occurs an 8-bit word is shifted out one data pin while another 8-bit character is simulta-
neously shifted in a second data pin.The central element in the SPI system is the shift register and the read data
buffer. The system is single buffered in the transfer direction and double buffered in the receive direction.
HIGH SPEED SERIAL SYNCHRONOUS INTERFACE (HS3I)
The High Speed Serial Synchronous Interface is a module to send and receive data at high rate (up to 9.25Mbit/
s per channel) in order to exchange data between 2 separate TDA7580 chip.
The exchanged data are related to signals that are used to increase reception quality in Car Radio systems,
which make use of Antenna Diversity based upon two separate antenna and tuner sections.
The channel synchronization clock has a programmable duty cycle, so to reduce in-band harmonics noise.
TUNER AGC KEYING DAC (KEYDAC)
This DAC provides the front-end tuner with an analogue signal to be used to control the Automatic Gain Con-
trolled stage, thus giving all time the best voltage dynamic range at the IFADC input.
ASYNCHRONOUS SAMPLE RATE CONVERTER (ASRC)
This hardware module provides a very flexible way to adapt the internal audio rate, to the one of an external
source. It does not require further work off the DSP.
There is no need to explicitly configure the input and the output sample rates, as the ASRC solves this problem
with an automatic Digital Ratio Locked Loop.
Main features are:
s
Automatic Tracking of Sample Frequency
s
Fully Digital Ratio Locked Loop
s
Sampling Clock Jitter Rejection
s
Up-conversion up to 1:2 Ratio
s
Linear Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com