Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 14Page - STMicroelectronics TDA7580 Datasheet HTML 15Page - STMicroelectronics TDA7580 Datasheet HTML 16Page - STMicroelectronics TDA7580 Datasheet HTML 17Page - STMicroelectronics TDA7580 Datasheet HTML 18Page - STMicroelectronics TDA7580 Datasheet HTML 19Page - STMicroelectronics TDA7580 Datasheet HTML 20Page - STMicroelectronics TDA7580 Datasheet HTML 21Page - STMicroelectronics TDA7580 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
TDA7580
18/31
SPI INTERFACE
Figure 8. SPI Timings
Symbol
Description
Value
Unit
TDSP
Internal DSP Clock Period (Typical 1/74.1MHz)
13.495
ns
MASTER
tsclk
Minimum Clock Cycle
12*TDSP
ns
tdtr
Minimum Sclk edge to MOSI valid
40
ns
tsetup
Minimum MISO setup time
16
ns
thold
Minimum MISO hold time
9
ns
tsclkh
Minimum SCK high time
0.5*tsclk
ns
tsclkl
Minimum SCK low time
0.5*tsclk
ns
tsssetup
Minimum SS setup time
40
ns
tsshold
Minimum SS hold time
25
ns
SLAVE
tsclk
Minimum Clock Cycle
12*TDSP
ns
tdtr
Minimum Sclk edge to MOSI valid
40
ns
tsetup
Minimum MOSI setup time
16
ns
thold
Minimum MOSI hold time
9
ns
tsclkh
Minimum SCK high time
0.5*tsclk
ns
tsclk
tsclkl
tdtr
tsssetup
tsetup
tsclkh
thold
tsshold
Valid
MISO
SS
SCL
Valid
(CPOL=0,CPHA=0)
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com