Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7580 Datasheet HTML 1Page - STMicroelectronics TDA7580 Datasheet HTML 2Page - STMicroelectronics TDA7580 Datasheet HTML 3Page - STMicroelectronics TDA7580 Datasheet HTML 4Page - STMicroelectronics TDA7580 Datasheet HTML 5Page - STMicroelectronics TDA7580 Datasheet HTML 6Page - STMicroelectronics TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TDA7580
2/31
DESCRIPTION (continued)
The algorithm is self-adaptive, thus it requires no “on-the-field” adjustments after the parameters optimization.
The chip embeds a Band Pass Sigma Delta Analogue to Digital Converter for 10.7MHz IF conversion from a
“tuner device” (it is highly recommended the TDA7515).
The internal 24bit-DSP allows some flexibility in the algorithm implementation, thus giving some freedom for
customer required features. The total processing power offers a significant headroom for customer’s software
requirement, even when the channel equalization and the decoding software is running. The Program and Data
Memory space can be loaded from an external non volatile memory via I
2C or SPI.
The oscillator module works with an external 74.1MHz quartz crystal. It has very low Electro Magnetic Interfer-
ence, as it introduces very low distortion, and in any case any harmonics fall outside the Radio bandwidth.
The companion tuner device receives the reference clock through a differential ended interface, which works
off the Oscillator module by properly dividing down the master clock frequency. That allows the overall system
saving an additional crystal for the tuner.
After the IF conversion, the digitized baseband signal passes through the Base Band processing section, either
FM or AM, depending on the listener selection. The FM Base Band processing comprises of Stereo Decoder,
Spike Detection and Noise Blanking. The AM Noise Blanking is fully software implemented.
The internal RDS filter, demodulator and decoder features complete functions to have the output data available
through either I
2C or SPI interface. No DSP support is needed but at start-up, so that RDS can work in back-
ground and in parallel with other DSP processing. This mode (RDS-only) allows current consumption saving for
low power application modes.
An I
2C/SPI interface is available for any control and communication with the main micro, as well as RDS data
interface. The DSP SPI block embeds a 10 words FIFO for both transmit and receive channels, to lighten the
DSP task and frequently respond to the interrupt from the control interface.
Serial Audio Interface (SAI) is the ideal solution for the audio data transfer, both transmit and receive: either
master or slave. The flexibility of this module gives a wide choice of different protocols, including I2S. Two fully
independent bidirectional data channels, with separate clocks allows the use of TDA7580 as general purpose
digital audio processor.
A fully Asynchronous Sample Rate Converter (ASRC) is available as a peripheral prior to sending audio data
out via the SAI, so that internal audio sampling rate (~36kHz and FM/AM mode) can be adapted by upconver-
sion to any external rate.
An Inter Processor Transport Interface (HS
3I, High Speed Synchronous Serial Interface) is also available for a
modular system which implements Dual Tuner Diversity, thus enhancing the overall system performance. It is
about a Synchronous Serial Interface which exchanges data up to the MPX rate. It has been designed to reduce
the Electro Magnetic Interference toward the sensitive analogue signal from the Tuner.
General Purpose I/O registers are connected to and controlled by the DSP, by means of memory map.
A Debug and Test Interface is available for on-chip software debug as well as for internal registers read/write
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com