Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7580 Datasheet HTML 1Page - STMicroelectronics TDA7580 Datasheet HTML 2Page - STMicroelectronics TDA7580 Datasheet HTML 3Page - STMicroelectronics TDA7580 Datasheet HTML 4Page - STMicroelectronics TDA7580 Datasheet HTML 5Page - STMicroelectronics TDA7580 Datasheet HTML 6Page - STMicroelectronics TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3/31
TDA7580
ABSOLUTE MAXIMUM RATINGS
Warning: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these
extremes.
Note: 1. VDD3 refers to all of the nominal 3.3V power supplies (VDDH, VOSC, VDDSD). VDD refers to all of the nominal 1.8V power supplies
(VDD, VMTR).
2. During Normal Mode operation VDD3 is always available as specified
3. During Fail-safe Mode operation VDD3 may be not available.
THERMAL DATA
Symbol
Parameter
Value
Unit
VDD
VDD3
Power supplies (1)
Nom. 1.8V
Nom. 3.3V
-0.5 to 2.5
-0.5 to 4.0
V
V
Analog Input or Output Voltage belonging to 3.3V IO ring (VDDSD,
VDDOSC)
-0.5 to 4.0
V
Digital Input or Output Voltage, 5V tolerant
Normal(2)
Fail-safe(3)
-0.5 to 6.50
-0.5 to 3.80
V
V
All remaining Digital Input or Output Voltage
Nom. 1.8V
Nom. 3.3V
-0.5 to (VDD+0.5)
-0.5 to (VDD3+0.5)
V
Tj
Operating Junction Temperature Range
-40 to 125
°C
Tstg
Storage Temperature
-55 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance junction to ambient
68
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com