Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 9Page - STMicroelectronics TDA7580 Datasheet HTML 10Page - STMicroelectronics TDA7580 Datasheet HTML 11Page - STMicroelectronics TDA7580 Datasheet HTML 12Page - STMicroelectronics TDA7580 Datasheet HTML 13Page - STMicroelectronics TDA7580 Datasheet HTML 14Page - STMicroelectronics TDA7580 Datasheet HTML 15Page - STMicroelectronics TDA7580 Datasheet HTML 16Page - STMicroelectronics TDA7580 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13/31
TDA7580
SAMPLE RATE CONVERTER
MCK = 18.525MHz, Fsin/Fsout = 0.820445366
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
THD+N
Total Harmonic Distortion +
Noise
20Hz to 20kHz, Full Scale, 16 bit inp.
-95
dB
20Hz to 20kHz, Full Scale, 20 bit inp.
-98
dB
1 kHz
Full Scale, 16 bit inp.
-95
dB
10 kHz
Full Scale, 16 bit inp.
-95
dB
1 kHz
Full Scale, 20 bit inp.
-105
dB
10 kHz
Full Scale, 20 bit inp
-98
dB
DR
Dynamic Range
1 kHz -60 dB - 16 bit inp.,A-Weighted
98
dB
1 kHz -60 dB - 20 bit inp.,A-Weighted
120
dB
IPD
Interchannel Phase Deviation
0
Degree
fc
Cutoff Frequency
@ -3 dB
Hz
Rp
Pass Band Ripple
from 0 to 20kHz
-0.01
0.01
dB
Rs
Stopband Attenuation
@24.1kHz
-120
dB
Tg
Group Delay
Fsout = 44.1 kHz
540
µs
Fratio
Sampling Frequency In/Out Ratio
Fsout = 44.1 kHz
0.7
1.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com