Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9111 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 4Page - STMicroelectronics TDA9111 Datasheet HTML 5Page - STMicroelectronics TDA9111 Datasheet HTML 6Page - STMicroelectronics TDA9111 Datasheet HTML 7Page - STMicroelectronics TDA9111 Datasheet HTML 8Page - STMicroelectronics TDA9111 Datasheet HTML 9Page - STMicroelectronics TDA9111 Datasheet HTML 10Page - STMicroelectronics TDA9111 Datasheet HTML 11Page - STMicroelectronics TDA9111 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
TDA9111
8/43
HORIZONTAL SECTION
Operating Conditions
Electrical Characteristics (VCC = 12V, Tamb =25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VCO
I0max
Max Current from Pin 6
Pin 6
1.5
mA
F(max.)
Maximum Oscillator Frequency
150
kHz
OUTPUT SECTION
I12m
Maximum Input Peak Current
Pin 12
5
mA
HOI
Horizontal Drive Output Maximum Cur-
rent
Pin 26, Sunk current
30
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
1st PLL SECTION
HpoIT
Delay Time for detecting polarity
change(3)
Pin 1
0.75
ms
Vvco
VCO Control Voltage (Pin 7)
VREF-H = 8.2V
fH =f0
fH=fH (Max.)
1.4
6.4
V
V
Vcog
VCO Gain (Pin 7)
R0 = 6.49kΩ,
C0 = 820pF
Tbd
15.9
Tbd
kHz/V
Hph
Horizontal Phase Adjustment (4)
% of Horizontal
Period
±10
%
Vbmi
Vbtyp
Vbmax
Horizontal Phase Setting Value (Pin 8)(4)
Minimum Value
Typical Value
Maximum Value
Sub-Address 01
Byte
x1111111
Byte
x1000000
Byte
x0000000
2.9
3.5
4.2
V
V
V
IPII1U
IPII1L
PLL1 Filter Charge Current
PLL1 is Unlocked
PLL1 is Locked
±140
±1
µA
mA
fo
Free Running Frequency
R0 = 6.49kΩ,C0 = 820pF
Tbd
22.8
Tbd
kHz
dfo/dT
Free Running Frequency Thermal Drift (5)
Not including external
componant drift
-150
ppm/C
CR
PLL1 Capture Range
fH(Min.)
fH(Max.) (6)
fo+0.5
4.5fo
kHz
kHz
HUnlock
DC level pin 3 when PLL1 is
unlocked
Sub-address 02
1xxx xxxx
0000 0000
0111 1111 (7)
6
0.3
2.75
3
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com