Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9111 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 25Page - STMicroelectronics TDA9111 Datasheet HTML 26Page - STMicroelectronics TDA9111 Datasheet HTML 27Page - STMicroelectronics TDA9111 Datasheet HTML 28Page - STMicroelectronics TDA9111 Datasheet HTML 29Page - STMicroelectronics TDA9111 Datasheet HTML 30Page - STMicroelectronics TDA9111 Datasheet HTML 31Page - STMicroelectronics TDA9111 Datasheet HTML 32Page - STMicroelectronics TDA9111 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
TDA9111
29/43
Figure 15. Phase of HFocus Parabola
2.7 Horizontal Moiré Output
The Horizontal Moiré output is intended to correct
a beat between the horizontal video pixel period
and the CRT pixel width.
The Moiré signal is a combination of the horizontal
and vertical frequency signals.
To achieve a Moiré cancellation, the Moiré output
has to be connected so as to modulate the hori-
zontal position. We recommend introducing this
“Horizontal Controlled Jitter” on the ground side of
PLL2 capacitor where this “controlled jitter” will di-
rectly affect the horizontal position.
The amplitude of the signal is I2C adjustable. The
H-Moiré frequency can be chosen via the I
2C.
When sub-address 11 D8=0, Fh is divided by 4.
This is recommended for separate scanning and
EHV. When D8=1, Fh is divided by 2, which gives
a better aspect in the case of common scanning
and EHV. The H-Moiré output is combined with the
PLL1 horizontal unlock output.
If HMoiré/HLock is selected:
– when PLL1 is unlocked, pin 3 output voltage
goes above 6V.
– when PLL1 is locked, the HMoiré signal (up to
2.2V peak) is present on pin 3.
If HMoiré/HLock is not selected, pin 3 can be used
as a 0....2.5V DAC.
0.16TH
0.16TH
0.475TH
127
64
45
0
I2C Code
(decimal)
0.6
µs
0.6
µs
0.4
µs
1
µs
Flyback pulse
H Focus sawtooth
H Focus parabola



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com