Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9111 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 20Page - STMicroelectronics TDA9111 Datasheet HTML 21Page - STMicroelectronics TDA9111 Datasheet HTML 22Page - STMicroelectronics TDA9111 Datasheet HTML 23Page - STMicroelectronics TDA9111 Datasheet HTML 24Page - STMicroelectronics TDA9111 Datasheet HTML 25Page - STMicroelectronics TDA9111 Datasheet HTML 26Page - STMicroelectronics TDA9111 Datasheet HTML 27Page - STMicroelectronics TDA9111 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
TDA9111
24/43
In order to choose the right sync priority the MCU
may proceed as follows (see I2C Address Table):
– refresh the status register,
– wait at least for 20ms (Max. vertical period),
– read this status register.
Sync priority choice should be :
Of course, when the choice is made, we can re-
fresh the sync detections and verify that the ex-
tracted Vsync is present and that no sync type
change has occurred. The sync processor also
gives sync polarity information.
1.7 IC status
The IC can inform the MCU about the 1st horizon-
tal PLL and vertical section status (locked or not)
and about the XRAY protection (activated or
not).Resetting the XRAY internal latch can be
done either by decreasing the VCC supply or di-
rectly resetting it via the I
2C interface.
1.8 Sync Inputs
Both H/HVIN and VSYNCIN inputs are TTL com-
patible triggers with hysteresis to avoid erratic de-
tection. Both inputs include a pull up resistor con-
nected to VDD.
1.9 Sync Processor Output
The sync processor indicates on the D8 bit of the
status register whether 1st PLL is locked to an in-
coming horizontal sync. Its level goes to low when
locked. This information is also available on pin 3 if
sub-address 02 D8 is equal to 1. When PLL1 is un-
locked, pin 3 output voltage becomes greater than
6V. When it is locked, the HMoiré waveform is
available on pin 3 (max voltage: 3V).
2 HORIZONTAL PART
2.1 Internal Input Conditions
A digital signal (horizontal sync pulse or TTL com-
posite) is sent by the sync processor to the hori-
zontal input. It may be positive or negative (see
Figure 5).
Using internal integration, both signals are recog-
nized if Z/T < 25%. Synchronization occurs on the
leading edge of the internal sync signal.
The minimum value of Z is 0.7
µs.
Another integration is able to extract the vertical
pulse from composite sync if the duty cycle is high-
er than 25% (typically d = 35%),
(see Figure 6).
Figure 5.
Figure 6.
Vextd
et
H/V
det
V
det
Sync
priority
Subaddress
03 (D8)
Comment
Sync type
No
Yes
Yes
1
Separated H&V
Yes
Yes
No
0
Composite TTL
H&V
d
CSync
Integ.
VSyn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com