Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9111 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 29Page - STMicroelectronics TDA9111 Datasheet HTML 30Page - STMicroelectronics TDA9111 Datasheet HTML 31Page - STMicroelectronics TDA9111 Datasheet HTML 32Page - STMicroelectronics TDA9111 Datasheet HTML 33Page - STMicroelectronics TDA9111 Datasheet HTML 34Page - STMicroelectronics TDA9111 Datasheet HTML 35Page - STMicroelectronics TDA9111 Datasheet HTML 36Page - STMicroelectronics TDA9111 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
TDA9111
33/43
3.7 Dynamic Horizontal Phase Control
IOUT=K4 (VOUT - VDCMID) + K5 (VOUT - VDCMID)
2
K4 is adjustable by the parallelogram I2C register.
K5 is adjustable by the side pin balance I
2C regis-
ter.
4 DC/DC CONVERTER PART
This unit controls the switch-mode DC/DC con-
verter. It converts a DC constant voltage into the
B+ voltage (roughly proportional to the horizontal
frequency) necessary for the horizontal scanning.
This DC/DC converter can be configured either in
step-up or step-down mode. In both cases it oper-
ates very similarly to the well known UC3842.
4.1 Step-up Mode
Operating Description
– The power MOS is switched ON during the fly-
back (at the beginning of the positive slope of the
horizontal focus sawtooth).
– The power MOS is switched OFF when its cur-
rent reaches a predetermined value. For this pur-
pose, a sense resistor is inserted in its source.
The voltage on this resistor is sent to Pin16
(ISENSE).
– The feedback (coming either from the EHV or
from the flyback) is divided to a voltage close to
5.0V and compared to the internal 5.0V refer-
ence (IVREF). The difference is amplified by an
error amplifier, the output of which controls the
power MOS switch-off current.
Main Features
– Switching synchronized on the horizontal fre-
quency,
– B+ voltage always higher than the DC source,
– Current limited on a pulse-by-pulse basis.
The DC/DC converter is disabled:
– when VCC or VDD are too low,
– when X-Ray protection is latched,
– directly through I2C bus.
When disabled, BOUT is driven to GND by a
0.5mA current source. This feature allows to im-
plement externally a soft start circuit.
4.2 Step-down Mode
In step-down mode, the ISENSE information is not
used any more and therefore not sent to the
Pin16. This mode is selected by connecting this
Pin16 to a DC voltage higher than 6V (for example
VREF-V).
Operating Description
– The power MOS is switched ON as for the step-
up mode.
– The feedback to the error amplifier is done as for
the step-up mode.
– The power MOS is switched OFF when the HFO-
CUSCAP voltage gets higher than the error am-
plifier output voltage.
Main Features
– Switching synchronized on the horizontal fre-
quency,
– B+ voltage always lower than the DC source,
– No current limitation.
4.3 Step-up and Step-down Mode Comparison
In step-down mode the control signal is inverted
compared with the step-up mode.This, for the fol-
lowing reason:
– In step-up mode, the switch is a N-channel MOS
referenced to ground and made conductive by a
high level on its gate.
– In step-down, a high-side switch is necessary. It
can be either a P- or a N-channel MOS.
• For a P-channel MOS, the gate is controlled
directly from Pin 28 through a capacitor (this
allows to spare a Transformer). In this case,
a negative-going pulse is needed to make
the
MOS
conductive.
Therefore
it
is
necessary to invert the control signal.
• For a N-channel MOS, a transformer is
needed to control the gate. The polarity of
the transformer can be easily adapted to the
negative-going control pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com