Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9111 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 28Page - STMicroelectronics TDA9111 Datasheet HTML 29Page - STMicroelectronics TDA9111 Datasheet HTML 30Page - STMicroelectronics TDA9111 Datasheet HTML 31Page - STMicroelectronics TDA9111 Datasheet HTML 32Page - STMicroelectronics TDA9111 Datasheet HTML 33Page - STMicroelectronics TDA9111 Datasheet HTML 34Page - STMicroelectronics TDA9111 Datasheet HTML 35Page - STMicroelectronics TDA9111 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
TDA9111
32/43
Due to the large output stage voltage range (E/W
Pin Cushion, Keystone, E/W Corner), the combi-
nation of the tracking function, maximum
vertical amplitude, maximum or minimum vertical
position and maximum gain on the DAC control
may lead to output stage saturation. This must be
avoided by limiting the output voltage with appro-
priate I2C register values.
For the E/W part and the dynamic horizontal
phase control part, a sawtooth-shaped differential
current in the following form is generated:
∆I’ = k’ . (VOUT - VDCMID)
Then
∆I and ∆I’ are added and converted into volt-
age for the E/W part.
Each of the three E/W components or the two dy-
namic horizontal phase control components may
be inhibited by their own I2C select bit.
The E/W parabola is available on Pin 24 via an
emitter follower output stage which has to be bi-
ased by an external resistor (10k
Ω to ground).
Since stable in temperature, the device can be DC
coupled with external circuitry (mandatory to ob-
tain H Size control).
The vertical dynamic focus is combined with the
horizontal focus on Pin 10.
The dynamic horizontal phase control drives inter-
nally the H-position, moving the HFLY position on
the horizontal sawtooth in the range of
± 2.8 %TH
both for side pin balance and parallelogram.
Figure 17. Geometric Corrections Principle
3.6 E/W
EWOUT = EWDC +K1 (VOUT - VDCMID)+
K2 (VOUT - VDCMID)
2+K3 (V
OUT - VDCMID)
4
K1 is adjustable by the keystone I2C register.
K2 is adjustable by the E/W amplitude I
2C register.
K3 is adjustable by the E/W corner I2C register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com