Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9111 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA9111 Datasheet HTML 1Page - STMicroelectronics TDA9111 Datasheet HTML 2Page - STMicroelectronics TDA9111 Datasheet HTML 3Page - STMicroelectronics TDA9111 Datasheet HTML 4Page - STMicroelectronics TDA9111 Datasheet HTML 5Page - STMicroelectronics TDA9111 Datasheet HTML 6Page - STMicroelectronics TDA9111 Datasheet HTML 7Page - STMicroelectronics TDA9111 Datasheet HTML 8Page - STMicroelectronics TDA9111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
TDA9111
4/43
QUICK REFERENCE DATA
Parameter
Value
Unit
Any polarity on H Sync & V Sync inputs
YES
TTL or composite Syncs
YES
Sync on Green
NO
Horizontal Frequency
15 to 150
kHz
Horizontal Autosync Range (for given R0 and C0. Can be easily increased by application)
1 to 4.5 f0
Control of free-running frequency
NO
Frequency Generator for Burn-in
NO
Control of H-Position through I2C
YES
Control for H-Duty Cycle through I2C30 to 65
%
PLL1 Inhibition Possibility
NO
Output for Horizontal Lock/Unlock
YES
Dual Polarity H-Drive Outputs
NO
Vertical Frequency
35 to 200
Hz
Vertical Autosync Range (for 150nF on Pin 22 and 470nF on Pin 20)
50 to 185
Hz
Vertical S-Correction (adapted to normal or super flat tube), controlled through I2C
YES
Vertical C-Correction, controlled through I2C
YES
Control of Vertical Amplitude through I2C
YES
Control of Vertical Position through I2C
YES
Input for Vertical Amplitude compensation versus EHV
YES
E/W Correction Output (also known as Pin Cushion Output)
YES
Horizontal Size Adjustment through I2C control of E/W Output DC level
YES
Control of E/W (Pincushion) Adjustment through I2C
YES
Control of Keystone (Trapezoïd) Adjustment through I2C
YES
Control of Corner Adjustment through I2C
YES
Fully integrated Dynamic Horizontal Phase Control
YES
Control of Side Pin Balance through I2C
YES
Control of Parallelogram through I2C
YES
H/V composite Dynamic Focus Output
YES
Control of Horizontal Dynamic Focus Amplitude through I2C
YES
Control of Horizontal Dynamic Focus Symmetry through I2C
YES
Control of Vertical Dynamic Focus Amplitude through I2C
YES
Tracking of Geometric Corrections and of Vertical focus with Vertical Amplitude and Position
YES
Control of Horizontal and Vertical Moiré cancellations through I2C
YES
Optimisation of HMoiré frequency through I2C
YES
B+ Regulation, adjustable through I2C
YES
Stand-by function, disabling H and V scanning and B+
YES
X-Ray protection, disabling H scanning and B+
YES
Blanking Outputs
NO
Fast I2C Read/Write
400
kHz
I2C indication of the presence of Syncs (biased from 5V alone)
YES
I2C indication of the polarity and Type of Syncs
YES
I2C indication of Lock/Unlock, for both Horizontal and Vertical sections
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com