Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62256FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62256FP
Description  Single Chip Battery Charger Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62256FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62256FP Datasheet HTML 1Page - Renesas Technology Corp M62256FP Datasheet HTML 2Page - Renesas Technology Corp M62256FP Datasheet HTML 3Page - Renesas Technology Corp M62256FP Datasheet HTML 4Page - Renesas Technology Corp M62256FP Datasheet HTML 5Page - Renesas Technology Corp M62256FP Datasheet HTML 6Page - Renesas Technology Corp M62256FP Datasheet HTML 7Page - Renesas Technology Corp M62256FP Datasheet HTML 8Page - Renesas Technology Corp M62256FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M62256FP
REJ03F0246-0200 Rev.2.00 Jun 16, 2008
Page 5 of 10
Recommended Operating Condition
Item
Ratings
Unit
Power supply voltage (Vcc)
3 to 15
V
Preliminary charge
50 to 200
mA
Quick charge
0.8 to 2
A
Charge current
Note1
Trickle charge
80 to 200
mA
Discharge current
Note1
300 to 500
mA
LED drive current
Note2
115
mA
Notes: 1. The charging current must be set according to the battery specifications.
The currents used for quick charge and trickle charge are determined by the voltage of the terminals Iset1
and Iset2 and current sense resistor R4 (Application in page 9).
2. The LED drive current is calculated by the following equation.
ILED ≈
200 mV
RL
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com