Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62256FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62256FP
Description  Single Chip Battery Charger Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62256FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62256FP Datasheet HTML 1Page - Renesas Technology Corp M62256FP Datasheet HTML 2Page - Renesas Technology Corp M62256FP Datasheet HTML 3Page - Renesas Technology Corp M62256FP Datasheet HTML 4Page - Renesas Technology Corp M62256FP Datasheet HTML 5Page - Renesas Technology Corp M62256FP Datasheet HTML 6Page - Renesas Technology Corp M62256FP Datasheet HTML 7Page - Renesas Technology Corp M62256FP Datasheet HTML 8Page - Renesas Technology Corp M62256FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
M62256FP
REJ03F0246-0200 Rev.2.00 Jun 16, 2008
Page 3 of 10
Absolute Maximum Ratings
(Ta = 25
°C, unless specified otherwise)
Item
Symbol
Ratings
Unit
Condition
Power supply voltage
Vcc
16
V
Chgon terminal drive current
IChgon
50
mA
Dchgout terminal drive current
IDchg
–5
mA
LED drive current
IC1 to IC3
20
mA
P.C drive current
IP.C
5
mA
Vref1 output current
Iref1
–1
mA
Vref2 output current
Iref2
–1
mA
Power dissipation
Pd
650
mW
Thermal derating ratio
K
θ
6.5
mW/
°C
Ta = 25
°C
Operating temperature
Topr
–20 to +75
°C
Ta > 25
°C
Storage temperature
Tstg
–40 to +125
°C
Notes: Polarity of current:
The direction of current flowing into the IC is considered positive (+).
The direction of current flowing out of the IC is considered negative (–).
The voltage impressed on the open collector output terminal should be the absolute maximum voltage of the
power supply.
The voltage difference between the negative terminal of the battery and the GND terminal should be 0 V to 0.6 V.
Electrical Characteristics
(Vcc = 7 V, Ta = 25
°C, unless specified otherwise)
All Device
Item
Symbol
Min
Typ
Max
Unit
Conditions
Power supply voltage
Vcc
3.0
—
15.0
V
Circuit current
Icc
18.0
27.0
40.0
mA
Vcc = 7 V when quick charge
Power supply detecting voltage
VTHVcc
2.66
2.80
2.94
V
Reference
Item
Symbol
Min
Typ
Max
Unit
Conditions
Vref1 output voltage
Vref1
1.18
1.25
1.32
V
Iref1 = 150
µA
Vref2 output voltage
Vref2
1.70
1.80
1.90
V
Iref2 = 350
µA
Item
Symbol
Min
Typ
Max
Unit
Conditions
OCSET terminal flow out current
IOCSET
–1
—
—
µA
OCSET = 220 mV
ISET1 terminal flow out current 1
ISET1-1
30
50
85
µA
Excluding charging time
ISET1 terminal flow out current 2
ISET1-2
–1
—
—
µA
When charging
ISET2 terminal flow out current 1
ISET2-1
30
50
85
µA
Excluding trickle charging time
ISET2 terminal flow out current 2
ISET2-2
–1
—
—
µA
When trickle charging
Driver
Item
Symbol
Min
Typ
Max
Unit
Conditions
Chgon terminal output L voltage
VsatChg
—
0.3
0.6
V
IChgon = 50 mA
Dchgout terminal H voltage
VOHDchg
—
5.2
6.0
V
IDchgout = 5 mA, Vcc = 7 V
LED output L voltage
Vsat LED
—
0.3
0.6
V
ILED = 5 mA
DchgIN terminal detecting voltage
VDchgIN
0.5
0.8
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com