Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62256FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62256FP
Description  Single Chip Battery Charger Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62256FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62256FP Datasheet HTML 1Page - Renesas Technology Corp M62256FP Datasheet HTML 2Page - Renesas Technology Corp M62256FP Datasheet HTML 3Page - Renesas Technology Corp M62256FP Datasheet HTML 4Page - Renesas Technology Corp M62256FP Datasheet HTML 5Page - Renesas Technology Corp M62256FP Datasheet HTML 6Page - Renesas Technology Corp M62256FP Datasheet HTML 7Page - Renesas Technology Corp M62256FP Datasheet HTML 8Page - Renesas Technology Corp M62256FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REJ03F0246-0200 Rev.2.00 Jun 16, 2008
Page 1 of 10
M62256FP
Single Chip Battery Charger Control IC
REJ03F0246-0200
Rev.2.00
Jun 16, 2008
Description
M62256FP is a semiconductor integrated circuit designed to control the battery charger. This IC controls not only all
the time sequence needed for battery charging, but also gives full support for detection of battery temperature,
protection over current and voltage, and safety timer, etc. It is also a simple matter to charge Ni-Cd, Ni-MH batteries by
adding a small peripheral components to this IC.
This IC has a feedback controlling of the charge current and the output voltage.
Features
• Designed for low voltage (3 V) operation.
• Built-in CR oscillator is used for internal logic.
• Built-in initialization timer and safety timer enable –∆V error detection and over-charging.
• Built-in D/A converter and shift-resister circuits to maintain the peak voltage of battery.
• Built-in main output SW and discharge drive circuits.
• Built-in LED drive circuits for displaying the status of the power supply and charging/discharging.
• Built-in system reset circuit for detecting the power supply voltage.
• Built-in temperature detection circuit for the Ni-MH battery.
• Built-in voltage and current control circuit which enables feedback to the primary side of the SMPS.
• Built-in protective functions including detection of over-voltage in charge mode and over-current in adapter mode,
and others.
Applications
General electronic battery charger for VCR and camera in one unit, mobile phone, etc.
Block Diagram
12
35
6
8
10
13
4
7
9
11
12
14
15
16
17
C1
E1
C2 C3
E3
Cc
Dchg OUT
Batt SW
E2
Rc
Dchg IN
Chg SW
GND2
(A.GND)
Dchg SW
Adpt SW
Test1 Test2
36
35
34
32
31
29
27
24
33
30
28
26
25
23
22
21
20
Vref1 Iset2 Iset1
PCS OUT
PCS IN
IDET
GND1
(P.GND)
P.C
OCSET
CP1
Vcc
CP2
VDET
Vref2
Batt
−
Batt +
Batt T
+
−
+
−
System
Reset ckt.
to internal
circuit
to internal
circuit
Stabl'd
Pwr. Sup.
Detect un-
plugged PS cord
Voltage
set-up ckt.
Safety
timer
Over-current
det. ckt.
Battery temp
det. ckt.
Discharge
current control
Discharge
driver
Output SW
driver
LED driver
Control logic
Batt. voltage
det. ckt.
−∆V det.
logic
−∆V error det.
prev. logic
Oscillator
Clock
gen. ckt.
Test ckt.
Current
set-up ckt.
Voltage
control
OP-amp.
Current
control
OP-amp.


Similar Part No. - M62256FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62256FP MITSUBISHI-M62256FP Datasheet
46Kb / 9P
Single chip battery charger control IC
More results

Similar Description - M62256FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62240FP MITSUBISHI-M62240FP Datasheet
41Kb / 6P
SINGLE CHIP BATTERY CHARGER CONTROL IC
M62241FP MITSUBISHI-M62241FP Datasheet
262Kb / 18P
SINGLE CHIP BATTERY CHARGER CONTROL IC
M62255FP MITSUBISHI-M62255FP Datasheet
59Kb / 12P
GENERAL PURPOSE BATTERY CHARGER CONTROL IC
M62256FP MITSUBISHI-M62256FP Datasheet
46Kb / 9P
Single chip battery charger control IC
logo
Renesas Technology Corp
M62240FP RENESAS-M62240FP Datasheet
117Kb / 7P
Single Chip Battery Charger Control IC
M62241FP RENESAS-M62241FP Datasheet
264Kb / 22P
Single Chip Battery Charger Control IC
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
Lithium-Ion Battery Charger Control IC
M62255FP RENESAS-M62255FP Datasheet
166Kb / 13P
General Purpose Battery Charger Control IC
M62258FP RENESAS-M62258FP Datasheet
204Kb / 9P
General Purpose Battery Charger Control IC
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
Lithium-ion battery charger control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com