Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62256FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62256FP
Description  Single Chip Battery Charger Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62256FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62256FP Datasheet HTML 3Page - Renesas Technology Corp M62256FP Datasheet HTML 4Page - Renesas Technology Corp M62256FP Datasheet HTML 5Page - Renesas Technology Corp M62256FP Datasheet HTML 6Page - Renesas Technology Corp M62256FP Datasheet HTML 7Page - Renesas Technology Corp M62256FP Datasheet HTML 8Page - Renesas Technology Corp M62256FP Datasheet HTML 9Page - Renesas Technology Corp M62256FP Datasheet HTML 10Page - Renesas Technology Corp M62256FP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
M62256FP
REJ03F0246-0200 Rev.2.00 Jun 16, 2008
Page 8 of 10
3. Discharge Operation
(1) Discharge control
The Dchg SW terminal is used for the forced discharge of the battery. Discharge starts when this terminal stays "L"
0.7 seconds or more. The Dchg IN terminal and the Dchg OUT terminal are used to control discharge. These
terminal contain the feedback function which enables constant current discharge.
(2) Detection of adapter
When the voltage of the battery which has been discharging reaches 5 V or less, the discharge mode has canceled.
(Charging mode takes over.)
(3) Forced ending of discharge
Once the discharge mode is in progress, it is possible to cancel the discharge mode by making the Dchg SW
terminal to "L" once more. (Stays 0.7 seconds or more.)
(4) RESET operation
The RESET circuit goes into operation when the power supply voltage goes 2.8 V (Typ) or lower. The internal logic
circuit are all RESET to the initial states.
(5) Modes setting
The Adapter mode has the highest priority. Modes are switched in the following.
(a) When the power is turned ON
Batt IN causes the charge mode to take over.
Power ON puts the Adapter mode in standby
Adpt IN causes the adapter mode to take over.
(b) When the battery is connected:
Adpt IN causes the adapter mode to take over.
Quick charge:
Adpt IN causes the initial RESET to start and the adapter mode goes into
operation. Adpt OUT starts the charging mode by way of the initial check.
Trickle charge:
Adpt IN sets the charge OFF and the adapter mode takes over.
The charge OFF mode continues after adapter OUT.
Charge OFF:
Adpt IN causes temporary stop. Then, the adapter mode takes over.
Charge standby (Preliminary charge): Continues after Adpt OUT
(c) When the battery is disconnected during the adapter is in operation
Adpt IN
→ Batt OUT → Adpt OUT → Adapter mode standby
Adpt IN
→ Batt OUT → Batt IN
→ Adpt OUT
→ : It is assumed that a different battery connected and the charge mode starts by way of the initial check.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com