Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62256FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62256FP
Description  Single Chip Battery Charger Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62256FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62256FP Datasheet HTML 1Page - Renesas Technology Corp M62256FP Datasheet HTML 2Page - Renesas Technology Corp M62256FP Datasheet HTML 3Page - Renesas Technology Corp M62256FP Datasheet HTML 4Page - Renesas Technology Corp M62256FP Datasheet HTML 5Page - Renesas Technology Corp M62256FP Datasheet HTML 6Page - Renesas Technology Corp M62256FP Datasheet HTML 7Page - Renesas Technology Corp M62256FP Datasheet HTML 8Page - Renesas Technology Corp M62256FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M62256FP
REJ03F0246-0200 Rev.2.00 Jun 16, 2008
Page 2 of 10
Pin Arrangement
(Top view)
1
2
3
5
6
8
10
13
4
7
9
11
12
14
15
16
17
18
C1
E1
C2
C3
E3
Cc
Dchg OUT
Batt SW
E2
Rc
Dchg IN
Chg SW
GND2
Dchg SW
Adpt SW
Test1
Test2
N.C
36
35
34
32
31
29
27
24
33
30
28
26
25
23
22
21
20
19
Vref1
ISET2
ISET1
PCS OUT
PCS IN
IDET
GND1
P.C
OCSET
CP1
Vcc
CP2
VDET
Vref2
N.C
Outline: PRSP0036GA-A (36P2R-A)
M62256FP
Batt
Batt +
Batt T
Pin Description
Pin No.
Pin Name
Function
1, 3, 5
C1, C2, C3
LED drive terminals (Open collector outputs)
2, 4, 6
E1, E2, E3
These terminals are used to set the LED drive currents.
7, 8
Rc, Cc
These terminals are used to set the oscillating frequency of the internal clocks.
9
Dchg IN
This is an input terminal used to detect the current which is used for the discharge
current feedback.
10
Dchg OUT
This is the drive terminal for the transistor mounted externally for discharge purposes.
11
Chg SW
This is the SW drive terminal used for charging battery.
27, 12
GND1, GND2
These are grounding terminals. (GND1 is for logic and GND2 is for analog.)
13
Batt SW
This is used to detect mounting of battery. (It is pulled up internally)
14
Dchg SW
This is used to detect the discharge SW. (It is pulled up internally)
15
Adpt SW
This is used to detect adapter SW. (It is pulled up internally)
16, 17
Test1, Test2
These are Test Mode set-up terminal. (It is pulled up internally)
20
Batt +
This terminal is connected to the + terminal of the battery.
21
Batt –
This terminal is connected to the – terminal of the battery.
23
Batt T
This terminal is connected to the temperature detecting terminal of the battery.
22
Vref2
This is the voltage reference terminal for temperature detection.
24
P.C
This terminal is connected to the photo-coupler used for feedback.
25
VDET
This terminal is used to monitor the output voltage.
26, 30
CP1, CP2
This terminal is used to make connection with capacitor(s) and resistor(s) which are
used for phase compensation.
29
IDET
This terminal is used to detect the charging current or output current.
31
PCS IN
This is an input terminal used for photo-coupler short.
32
PCS OUT
This terminal goes "H" when over-current is detected.
33
OCSET
This terminal is used to set the over-current detection value when the adapter mode
is used.
34, 35
Iset1, Iset2
These are used to set the charging current. (Iset1 is for quick charge and Iset2 is for
the trickle charge.)
36
Vref1
This terminal is sets the standard voltage for over-current set-up value and the
charge current set-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com