Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62256FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62256FP
Description  Single Chip Battery Charger Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62256FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62256FP Datasheet HTML 3Page - Renesas Technology Corp M62256FP Datasheet HTML 4Page - Renesas Technology Corp M62256FP Datasheet HTML 5Page - Renesas Technology Corp M62256FP Datasheet HTML 6Page - Renesas Technology Corp M62256FP Datasheet HTML 7Page - Renesas Technology Corp M62256FP Datasheet HTML 8Page - Renesas Technology Corp M62256FP Datasheet HTML 9Page - Renesas Technology Corp M62256FP Datasheet HTML 10Page - Renesas Technology Corp M62256FP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
M62256FP
REJ03F0246-0200 Rev.2.00 Jun 16, 2008
Page 7 of 10
2. Adapter Mode Operation
(1) Adapter mode
The adapter mode (adapter standby mode) goes into effect when both the battery and the adapter are not connected.
The fixed voltage mode (7.2 V) is set.
(2) Detection of adapter
Adpt SW is used for detection of adapter. When this terminal goes "H", adapter is judged to be present. If adapter is
connected during charging, charging is discontinued and the adapter mode goes into effect. (The adapter mode has
priority.)
(3) Setting up the output voltage
The output voltage at the time of the adapter mode is set the internally set 7.2 V.
(4) Protection function
The over-current protection function is the only one protective function active during the adapter mode.
The current value is set by the voltage at the OCSET terminal. When the over-current is detected, the output is
controlled as shown in the following flow chart, the RESET will take place when Adpt SW terminal goes "L".
Over-current
detection
Output down
PCS OUT terminal "H"
Yes
Yes
(4.2 V set)
No
No
10 s has
passed?
10 s has
passed?



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com