Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9113 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA9113
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9113 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA9113 Datasheet HTML 13Page - STMicroelectronics TDA9113 Datasheet HTML 14Page - STMicroelectronics TDA9113 Datasheet HTML 15Page - STMicroelectronics TDA9113 Datasheet HTML 16Page - STMicroelectronics TDA9113 Datasheet HTML 17Page - STMicroelectronics TDA9113 Datasheet HTML 18Page - STMicroelectronics TDA9113 Datasheet HTML 19Page - STMicroelectronics TDA9113 Datasheet HTML 20Page - STMicroelectronics TDA9113 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
TDA9113
17/50
6.8 - DC/DC CONTROLLER SECTION
VCC = 12V, Tamb =25°C
Note 41: A current sink is provided by the BComp output while BOut is disabled:
Note 42: Internal reference related to VRefO. The same values to be found on pin BRegIn, while regulation loop is
stabilized.
Note 43: Only applies to configuration specified in ”Test conditions” column, i.e. synchronization of BOut “Off-to- On”
edge with horizontal flyback signal. Refer to chapter ”DC/DC controller” for more details.
Symbol
Parameter
Test Condit ions
Value
Units
Min.
Typ.
Max.
RB+FB
Ext. resistance applied between
BComp
output and BRegIn input
5k
AOLG
Open loop gain of error amplifier
on BRegIn input
Low frequency(18)
100
dB
fUGBW
Unity gain bandwidth of error am-
plifier on BRegIn input
(18)
6
MHz
IRI
Bias current delivered by regula-
tion input BRegIn
-0.2
µA
IBComp
Output current capability of BComp
output.
HBOutEn = ”Enable”
HBOutEn = ”Disable” (41)
-0.5
0.5
2.0
mA
mA
ABISense
Voltage gain on BISense input
3
VThrBIsCurr
Threshold voltage on BISense input
corresponding to current limitation
1.98
2.1
2.22
V
IBISense
Input current sourced by BISense input
-1
µA
tBOn
Conduction time of the power transistor
TH - tHD-Hflat
IBOut
Output current capability of BOut out-
put
010
mA
VBOSat
Saturation voltage of the internal output
transistor on BOut
IBOut=10mA
0.25
0.4
V
VBReg
Regulation reference for BRegIn volt-
age(42)
VRefO=8V
BREF (Sad03):
x0000000b
x1000000b
x1111111b
3.65
4.65
5.65
3.85
4.9
5.9
4.05
5.15
6.15
V
V
V
tBTrigDel /TH
Delay of BOut “Off-to-O n” edge after
middle of flyback pulse, as part of TH
(43)
BOutPh = ”0”
16
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com