Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9113 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA9113
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9113 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA9113 Datasheet HTML 29Page - STMicroelectronics TDA9113 Datasheet HTML 30Page - STMicroelectronics TDA9113 Datasheet HTML 31Page - STMicroelectronics TDA9113 Datasheet HTML 32Page - STMicroelectronics TDA9113 Datasheet HTML 33Page - STMicroelectronics TDA9113 Datasheet HTML 34Page - STMicroelectronics TDA9113 Datasheet HTML 35Page - STMicroelectronics TDA9113 Datasheet HTML 36Page - STMicroelectronics TDA9113 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
TDA9113
33/50
Refer to Figure 12, Figure 13 and to chapter TYP-
ICAL OUTPUT WAVEFORMS. The correction
waveforms have no effect in the vertical middle of
the screen (if the
VPOS control is adjusted to its
medium value). As they are summed, the resulting
waveform tends to reach its maximum span at top
and bottom of the picture. The voltage at the
EWOut is top and bottom limited (see parameter
VEW). According to Figure 13, especially the bot-
tom limitation seems to be critical for maximum
horizontal size (minimum DC). Actually it is not
critical since the parabola component must always
be applied. As all the components of the resulting
correction waveform are generated from the out-
put vertical deflection drive waveform, they all
track with real vertical amplitude and position (in-
cluding breathing compensation), thus being fixed
vertically on the screen. They are also affected by
C- and S-corrections. The sum of components oth-
er than DC is affected by value in
HSIZE I
2C bus
control in reversed sense. Refer to electrical spec-
ifications for value. The DC value, adjusted via
HSIZE control, is also affected by voltage on HE-
HTIn input, thus providing a horizontal breathing
compensation (see electrical specifications for val-
ue). The resulting waveform is conditionally multi-
plied with voltage on HPLL1F, which depends on
frequency. Refer to electrical specifications for val-
ue and more precision. This tracking with frequen-
cy provides a rough compensation of variation of
picture geometry with frequency and allows to fix
the adjustment ranges of I2C bus controls through-
out the operating range of horizontal frequencies.
It can be switched off by EWTrHFr I2C bus bit (off
by default).
The EW waveform signal is buffered by an NPN
emitter follower, the emitter of which is directly
routed to EWOut output, with no internal resistor to
ground. It is to be biased externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com