Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9113 Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA9113
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9113 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA9113 Datasheet HTML 33Page - STMicroelectronics TDA9113 Datasheet HTML 34Page - STMicroelectronics TDA9113 Datasheet HTML 35Page - STMicroelectronics TDA9113 Datasheet HTML 36Page - STMicroelectronics TDA9113 Datasheet HTML 37Page - STMicroelectronics TDA9113 Datasheet HTML 38Page - STMicroelectronics TDA9113 Datasheet HTML 39Page - STMicroelectronics TDA9113 Datasheet HTML 40Page - STMicroelectronics TDA9113 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
TDA9113
37/50
condition for the reset of the R-S flip-flop, OR-ed
with the one described before, is that the voltage
on pin BISense exceeds the voltage VC1, which
depends on the voltage applied on input BISense
of the error amplifier O1. The two voltages are
compared, and the reset signal generated by the
comparator C1. The error amplifier amplifies (with
a factor defined by external components) the dif-
ference between the input voltage proportional to
DC/DC convertor output voltage and internal refer-
ence VBReg. The internal reference and so the out-
put voltage is I2C bus adjustable by means of
BREF I2C bus control.
Both step-up (DC/DC converter output voltage
higher than its input voltage) and step-down (out-
put voltage lower than input) are possible.
DC/DC controller Off-to-On edge timing
Figure 15. DC/DC converter controller block diagram
BOutPh
(Sad07/
D7)
BOHEdge
(Sad17/
D3)
Timing of Off-to-O n transition
on BOut outpu t
0
don’t care Middle of H-flyback plus tBTrigDel
1
0
Falling edge of H-drive signal
1
1
Rising edge of H-drive signal
C1
BRegIn
BComp
BIsense
BOut
N type
Soft start
H-drive edge
H-flyback
+
-
+
-
+
-
S
Q
R
~500ns
Monostable
HBOutEn
P type
VCC
Feedback
C2
BOutPol
(I2C)
XRayAlarm
(I2C)
BOutPh
(I2C)
HPosF
VThrBIsCurr
(+delay)
BOHEdge
(I2C)
2R
R
VBReg
I1
I2
I3
VC1
O1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com