Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9113 Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA9113
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9113 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA9113 Datasheet HTML 42Page - STMicroelectronics TDA9113 Datasheet HTML 43Page - STMicroelectronics TDA9113 Datasheet HTML 44Page - STMicroelectronics TDA9113 Datasheet HTML 45Page - STMicroelectronics TDA9113 Datasheet HTML 46Page - STMicroelectronics TDA9113 Datasheet HTML 47Page - STMicroelectronics TDA9113 Datasheet HTML 48Page - STMicroelectronics TDA9113 Datasheet HTML 49Page - STMicroelectronics TDA9113 Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
TDA9113
Revision follow-up
PRELIMINARY DATA
06/ 2000
version 3.1
Document creation
07/2000
version 3.2
BLOCK DIAGRAM : addition of Hsize under E/W correction
QUICK REFERENCE DATA : addition of parrallelogram
I2C BUS CONTROL REGISTER MAP : subaddress 08 - 0:no tracking
Few corrections in text
08/ 2000
version 3.4
Figure 16 and Figure 17: corrections
ABSOLUTE MAXIMUM RATINGS : definition of VESD
Miscellaneous : X-ray detection instead of protection
Horizontal moiré cancellation: new sentence about frequency range
09/ 2000
version 3.6
HMOIRE (pin) becomes HMOIRE (field register), VDyCorPol (register) becomes VDy-
CorPol (pin)
Note 37 : text modified
01/ 2001
version 3.6
QUICK REFERENCE DATA : new value for autosync frequency 4.28 (4.5 previously)
April 2001
version 3.6
EW drive section : VEW-BCor parameter: sadOF instead of sadOE
DATASHEET
April 2001
version 4.0
Valid for cut 2 (“G” at the end of second line of package marking)
ELECTRICAL PARAMETERS AND OPERATING CONDITIONS :
new values for : VRefO, VHPosF and VTopHPLL2C, VVOB, VThBlsCurr and VBReg,
VThrXRay
VPos changed to VHPosF + new values
page 15
TBD mentions deleted
May 2001
version 4.1
Valid for cut 2.2 (“H” at the end of second line of package marking)
Miscellaneous : value for Horizontal Moire Canceller changed: 0.02% instead of 0.04%
previously
July 2001
version 4.2
page31
Section 9.4.1 -. right column”The higher its value,...” ---> ”The lower its value”
page 33
Section 9.5 -.”...at the vertical middle...” ---> ”...in the vertical middle...”
page 14
Section 6.6 - E/W drive: parameter ”
∆VEW/VEW.∆VHO”, added [fmax]. and changed typ.
value to +20
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com