Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9113 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA9113
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9113 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA9113 Datasheet HTML 21Page - STMicroelectronics TDA9113 Datasheet HTML 22Page - STMicroelectronics TDA9113 Datasheet HTML 23Page - STMicroelectronics TDA9113 Datasheet HTML 24Page - STMicroelectronics TDA9113 Datasheet HTML 25Page - STMicroelectronics TDA9113 Datasheet HTML 26Page - STMicroelectronics TDA9113 Datasheet HTML 27Page - STMicroelectronics TDA9113 Datasheet HTML 28Page - STMicroelectronics TDA9113 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
TDA9113
25/50
Sad17/D2 - HBOutEn
Horizontal and B+ Output Enable
0: Disabled, levels corresponding to “power
transistor off” on HOut and BOut pins (high
for HOut, high or low for BOut, depending
on BOutPol bit).
1: Enabled, horizontal deflection drive signal
on HOut pin providing that it is not inhibited
by another internal event (activated XRay
protection). B+ drive signal on BOut pin.
Programming the bit to 1 after prior value of 0,
will initiate soft start mechanism of horizontal
drive and of B+ DC/DC convertor if this is in ex-
ternal sawtooth configuration.
Sad17/D3 - BOHEdge
Selection of Edge of Horizontal drive signal to
phase B+ drive Output signal on BOut pin. Only
applies if the bit BOutPh is set to 1, otherwise
BOHEdge has no effect.
0: Falling edge
1: Rising edge
Sad17/D4,D5,D6,D7 - THM, TVM, TH, TV
Test bits. They must be kept at 0 level by appli-
cation S/W.
Read-out flags
SadXX/D0 - VDet
(52)
Flag indicating Detection of V synchronization
pulses on VSyn pin.
0: Not detected
1: Detected
SadXX/D1 - HVDet (52)
Flag indicating Detection of H or HV synchroni-
zation pulses applied on H/HVSyn pin. Once the
sync pulses are detected, the flag is set and
latched. Disappearance of the sync signal will
not lead to reset of the flag.
0: Not detected
1: Detected.
SadXX/D2 - VExtrDet (52)
Flag indicating Detection of Extracted Vertical
synchronization signal from composite H+V sig-
nal applied on H/HVSyn pin
0: Not detected
1: Detected
SadXX/D3 - VPol
Flag indicating Polarity of V synchronization
pulses applied on VSyn pin with respect to mean
level of the sync signal
0: Positive
1: Negative
SadXX/D4 - HVPol
Flag indicating Polarity of H or HV synchroniza-
tion pulses applied on H/HVSyn pin with respect
to mean level of the sync signal
0: Positive
1: Negative
SadXX/D5 - XRayAlarm
Alarm indicating that an event of excessive volt-
age has passed on XRay pin. Can only be reset
to 0 through I2C Bus bit XRayReset or by power-
on reset.
0: No excess since last reset of the bit
1: At least one event of excess appeared
since the last reset of the bit, HOut inhibited
SadXX/D6 - VLock
Status of “Locking” or stabilization of Vertical os-
cillator amplitude to an internal reference by
AGC regulation loop.
0: Locked (amplitude stabilized)
1: Not locked (amplitude non-stabilized)
SadXX/D7 - HLock
Status of Locking of Horizontal PLL1
0: Locked
1: Not locked
Note 52: This flag, by its value of 1, indicates an event of detection of at least one synchronization pulse since its last
reset (by means of the
SDetReset I2C Bus bit). This is to be taken into account by application S/W in a way
that enough time (at least the period between 2 synchronization pulses of analyzed signal) must be provided
between reset of the flag through
SDetReset bit and validation of information provided in the flag after read-
out of status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com