Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2028 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 9Page - STMicroelectronics TEA2028 Datasheet HTML 10Page - STMicroelectronics TEA2028 Datasheet HTML 11Page - STMicroelectronics TEA2028 Datasheet HTML 12Page - STMicroelectronics TEA2028 Datasheet HTML 13Page - STMicroelectronics TEA2028 Datasheet HTML 14Page - STMicroelectronics TEA2028 Datasheet HTML 15Page - STMicroelectronics TEA2028 Datasheet HTML 16Page - STMicroelectronics TEA2028 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Thus, a variable (24
o to + 135o) phase lead with a
gain higher than 10dB, must be implemented on-
chip so as to enable the system to enter into
oscillation.
The frequencydead points correspond to the maxi-
mum internal phase variations. This phase shift is
controlled by voltage V22 whose value of 5.6V
± 0.7
is determined by two diodes.
From the Figure 21, the non-linearity of phase-fre-
quency characteristics is clearly apparent. If linear
voltage-frequency response is required for a sym-
metrical gain of
φ1 loop, it would then be necessary
to implement a non-linearity, on the phase control
amplifier A4, but in the opposite direction.
D. - STUDY OF THE INTERNAL AMPLIFIER
Let’s study the gain and phase response of
V18
VIN
as
a function of V22.
V22 =
VC
K
where K is a non-linear coefficient
To start with, the ”VC” voltage of comparator ”A3”
is taken as reference parameter.
The dynamic representation of the output stage
can be depicted as below (Figure 22).
with : I2’=
i2
1
+ jω R1 C1
(at f = 500kHz)
R1 C1
ω =1 ⇒ i2’=
i2
1
+ j
and Z = R1 +
1
j
ω C
<< R
⇔ i ≈ i2’
R1C1 network produces -45
o phase lag of ”i” with
respect to ”i2”, around 500kHz.
V18
≈ -R ⋅ (i1 +I2’)
i1 and i2 calculation as a function of ”VIN” on Pin 19
- A1 Amplifier :
VS1
VIN
=
RC
dr1
=
1200
57
=21
dr : dynamic resistance =
λ
I
- A2 Amplifier :
i2
VS2
=
1
2dr2
=
1
54
⇔
i2
VIN
=
VS1
VIN
⋅
i2
VS1
= 0.395
⇒ i2 = 0.39 VIN,i2 is in phase with VIN therefore :
i3 =-i2 = -0.39 VIN
- A3 Amplifier :
i1 =i3
− VC
A
λ +
1
2
= - 0.39 VIN
− VC
A
λ +
1
2
17
18
1
i
2
i
V18
R
i18
C1
R1
17
18
1
i
V18
R
i 18
i
Z
2
i’
Figure 22
V18 @i1 =0
VIN
VOUT
phase variation = f(VC)
V18 @i1 (Max.)
Ri1
Ri2
VIN
-45
°
R( i + i )
12
R(i + i )
12
+136
°
Figure 23 : Vector Representation of V18/VIN
”VIN” always leads the ”i1” by 180, only the ampli-
tude of i1 is a function of VC (see Figure 23).
-
VOUT
VIN
=- R
i1 (1 + jR1C1ω
) + i2
1
+ j
(R1 + R) C1ω
-i1 = - 0.39 VIN
i
2
−
VC
4
λ
and i2 = 0.39 VIN
The Figure 24 illustrates the characteristics of
V18/VIN phase versus VC.
- Phase variation determined by VC falls between
+24
o and +135o range
- The gain is higher than 10dB. The Pin 18 output
signal of 30 to 40dB has a rectangular component
(see Figure 24).
TEA2028 - TEA2029 APPLICATION NOTE
13/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com