Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2028 Datasheet(PDF) 39 Page - STMicroelectronics

Part # TEA2028
Description  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 35Page - STMicroelectronics TEA2028 Datasheet HTML 36Page - STMicroelectronics TEA2028 Datasheet HTML 37Page - STMicroelectronics TEA2028 Datasheet HTML 38Page - STMicroelectronics TEA2028 Datasheet HTML 39Page - STMicroelectronics TEA2028 Datasheet HTML 40Page - STMicroelectronics TEA2028 Datasheet HTML 41Page - STMicroelectronics TEA2028 Datasheet HTML 42Page - STMicroelectronics TEA2028 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
BLANKING OUTPUT
S1
IF
BLANK’
RESET
24 lines
NORMAL OPERATION
TOO LONG FLYBACK PULSE (FR)
Figure 76
Blanking Output
to Super Sand Castle
≥ 1
≥ 1
&
&
IF
IF
Reset
BLK’
BLK’
From
Frame
Counters
Q
Q
S
R
R
S
Q
Figure 75 : Frame Blanking Safety Block Diagram
VII.6 - On-chip Line Flip-flop
26
µs
V
V
V
16
IN
10
∆φmax = 16µs
Figure 78
16
13
C13
VIN
I
φ2
16
µs Window
for
∆ϕmax
&
10
LF
(Line Flyback)
Safety
(Pin 28)
≥ 1x 1
S
R
Q
Output
Figure 77
T10 =35
⋅ TVCO -K ⋅ R14 ⋅ C13
=70
⋅ 10-6 -4 ⋅ R14 ⋅ C13
Where TVCO is the VCO period of oscillation on
pin 18.
- If in synchronized mode :
TVCO =2
µs,
R14 = 3.32k
Ω
C13 = 3.3nF
ThereforeT10 =
26µs (nominal value)
TEA2028 - TEA2029 APPLICATION NOTE
39/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com